Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1084CMA Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1084CMA
Description  5A Low Dropout Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1084CMA Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1084CMA Datasheet HTML 1Page - Analog Intergrations Corporation AIC1084CMA Datasheet HTML 2Page - Analog Intergrations Corporation AIC1084CMA Datasheet HTML 3Page - Analog Intergrations Corporation AIC1084CMA Datasheet HTML 4Page - Analog Intergrations Corporation AIC1084CMA Datasheet HTML 5Page - Analog Intergrations Corporation AIC1084CMA Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AIC1084
4
n BLOCK DIAGRAM
VIN
55
µA
ADJ
VREF
1.25V
-
+
GM
+
Thermal
Limit
Current Amp.
VOUT
GND
For fixed voltage
device
Current
Limit
n PIN DESCRIPTIONS
ADJ PIN
-
Providing V
REF=1.25V (typ.) for adjustable VOUT. VREF=VOUT-VADJ and IADJ=55µA (typ.)
GND PIN- Power ground.
VOUT PIN -
Adjustable output voltage.
VIN PIN
-
Power Input.
n TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1
Load Transient Response
Time (µS)
0
20
40
60
80
100
0.1A
2.5A
-0.4
-0.2
0
0.2
0.4
VIN=5.0V
CIN=1µF(Tantalum)
COUT=10µF(Tantalum)
VOUT=3.3V
Fig. 2
Line Transient Response
Time (µS)
0
40
80
120
160
200
6.0
7.0
-100
-50
0
50
CIN=1µF (Tantalum)
COUT=10µF (Tantalum)
VOUT=3.3V


Similar Part No. - AIC1084CMA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084_15 Datasheet
179Kb / 9P
   5A Low Dropout Positive Regulator
More results

Similar Description - AIC1084CMA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
   5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
   5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com