Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5236 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MMSZ5236
Description  Small Signal Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMSZ5236 Datasheet(HTML) 1 Page - Vishay Siliconix

  MMSZ5236 Datasheet HTML 1Page - Vishay Siliconix MMSZ5236 Datasheet HTML 2Page - Vishay Siliconix MMSZ5236 Datasheet HTML 3Page - Vishay Siliconix MMSZ5236 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMSZ5225 to MMSZ5267
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 27-Feb-13
1
Document Number: 85774
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Zener Diodes
FEATURES
• Silicon planar Zener diodes
• Standard Zener voltage tolerance is ± 5 % with
a “B” suffix (e.g.: MMSZ5225B), suffix “C” is
± 2 % tolerance
• AEC-Q101 qualified
• ESD capability according to AEC-Q101:
Human body model > 8 kV
Machine model > 800 V
• Base P/N-E3 - RoHS-compliant, commercial grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
3.3 to 75
V
Test current IZT
1.7 to 20
mA
VZ specification
Thermal equilibrium
Int. construction
Single
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
MMSZ5225 to
MMSZ5267
MMSZ5225B-E3-08 to MMSZ5267B-E3-08
3000 (8 mm tape on 7" reel)
15 000/box
MMSZ5225C-E3-08 to MMSZ5267C-E3-08
MMSZ5225B-HE3-08 to MMSZ5267B-HE3-08
MMSZ5225C-HE3-08 to MMSZ5267C-HE3-08
MMSZ5225B-E3-18 to MMSZ5267B-E3-18
10 000 (8 mm tape on 13" reel)
10 000/box
MMSZ5225C-E3-18 to MMSZ5267C-E3-18
MMSZ5225B-HE3-18 to MMSZ5267B-HE3-18
MMSZ5225C-HE3-18 to MMSZ5267C-HE3-18
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING CONDITIONS
SOD-123
10.3 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
TL = 75 °C, on FR - 4 or FR - 5 board with
minimum recommended solder pad layout
Ptot
500
mW
Zener current
See table “Electrical Characteristics”
Thermal resistance junction to ambient air
On FR - 4 or FR - 5 board with minimum
recommended solder pad layout
RthJA
340
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
Operating temperature range
Top
- 55 to + 150


Similar Part No. - MMSZ5236

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ5236 GE-MMSZ5236 Datasheet
41Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
MMSZ5236 VISHAY-MMSZ5236 Datasheet
136Kb / 5P
   Small Signal Zener Diodes
Rev. 1.5, 20-Mar-06
logo
Micro Commercial Compon...
MMSZ5236 MCC-MMSZ5236 Datasheet
250Kb / 5P
   500 mW Zener Diodes 2.4 to 39 Volts
logo
Vishay Siliconix
MMSZ5236 VISHAY-MMSZ5236 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
MMSZ5236 VISHAY-MMSZ5236 Datasheet
100Kb / 5P
   Small Signal Zener Diodes
Rev. 1.8, 23-Mar-12
More results

Similar Description - MMSZ5236

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com