Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRA06E083MFTC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRA06E083MFTC
Description  Thick Film Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA06E083MFTC Datasheet(HTML) 1 Page - Vishay Siliconix

  CRA06E083MFTC Datasheet HTML 1Page - Vishay Siliconix CRA06E083MFTC Datasheet HTML 2Page - Vishay Siliconix CRA06E083MFTC Datasheet HTML 3Page - Vishay Siliconix CRA06E083MFTC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thick Film Resistor Array
www.vishay.com
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
Document Number: 31002
252
Revision: 13-Oct-08
CRA06E, CRA06S
Vishay
CRA06E and CRA06S Thick Film resistor arrays are
constructed on a high grade ceramic body with convex
terminations. A small package enables the design of high
density circuits. The single component reduces board space,
component counts and assembly costs.
FEATURES
Convex terminal array available with either
scalloped corners (E version) or square corners
(S version)
• Wide ohmic range: 10R to 1M0
• 4 or 8 terminal package with isolated resistors
• Lead (Pb)-free solder contacts on Ni barrier layer
• Pure tin plating provides compatibility with Lead (Pb)-free
and lead containing soldering processes
• Compatible with "Restriction of the use of Hazardous
Substances" (RoHS) directive 2002/95/EC (issue 2004)
Notes
(1) Rated voltage:
(2) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rates dissipation applies only if the permitted film temperature of 155 °C is not exceed.
Notes
(3) Preferred way for ordering products is by use of the PART NUMBER
(4) Please refer to table PACKAGING, see next page
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
CIRCUIT
POWER RATING
P70 °C
W
LIMITING ELEMENT
VOLTAGE MAX.
V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
Ω
E-SERIES
CRA06E
CRA06S
03
0.063
50
± 100
± 1
10R - 1M0
24 + 96
± 200
± 2; ± 5
24
Zero-Ohm-Resistor available;
Rmax. = 50 mΩ, Imax. = 1 A
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CRA06E & S
Rated Dissipation at 70 °C (2)
W per element
0.063
Limiting Element Voltage (1)
V
50
Insulation Voltage (1 min)
Vdc/ac peak
100
Category Temperature Range
°C
- 55 to + 155
Insulation Resistance
Ω
> 109
PR
×
TOLERANCE
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = 0
Ω Jumper
MODEL
CRA06
TERMINAL STYLE
S
E
SPECIAL
Up to 2 digits
PIN
04
08
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: CRA06S08347K0JTA (3)
CR
A
0
6
S
08
34
7
K
0
J
T
A
PRODUCT DESCRIPTION: CRA06S 08 03 473 J RT1 e3
08
TERMINAL COUNT
04
08
J
TOLERANCE
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = 0
Ω Jumper
CIRCUIT
3 = 03
CRA06S
MODEL
CRA06S
CRA06E
03
CIRCUIT TYPE
03
473
RESISTANCE VALUE
473 = 47 k
Ω
4702 = 47 k
Ω
10R0 = 10
Ω
100 = 10
Ω
000 = 0
Ω Jumper
VALUE
R = Decimal
K = Thousand
M = Million
0000 = 0
Ω Jumper
e3
LEAD (Pb)-FREE
e3 = Pure tin
Termination finish
RT1
RT1
RT6
First two digits (3 for 1 %)
are significant. Last
digit is the multiplier.
PACKAGING (4)
PACKAGING (4)
TA
TC


Similar Part No. - CRA06E083MFTC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06E08310K0FTA VISHAY-CRA06E08310K0FTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06E08310K0FTC VISHAY-CRA06E08310K0FTC Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06E08310K0GTA VISHAY-CRA06E08310K0GTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06E08310K0GTC VISHAY-CRA06E08310K0GTC Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06E08310K0JTA VISHAY-CRA06E08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
More results

Similar Description - CRA06E083MFTC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
CRA08C VISHAY-CRA08C Datasheet
45Kb / 2P
   Thick Film, Resistor Array
Revision 13-Feb-02
CRA06S08310K0JTA VISHAY-CRA06S08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P_08 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA06E VISHAY-CRA06E Datasheet
289Kb / 2P
   Thick Film, Resistor Array
Revision 22-Jan-03
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com