Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1086CT Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1086CT
Description  1.5A Low Dropout Positive Adjustable Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1086CT Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1086CT Datasheet HTML 1Page - Analog Intergrations Corporation AIC1086CT Datasheet HTML 2Page - Analog Intergrations Corporation AIC1086CT Datasheet HTML 3Page - Analog Intergrations Corporation AIC1086CT Datasheet HTML 4Page - Analog Intergrations Corporation AIC1086CT Datasheet HTML 5Page - Analog Intergrations Corporation AIC1086CT Datasheet HTML 6Page - Analog Intergrations Corporation AIC1086CT Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AIC1086
1.5A Low Dropout Positive Adjustable Regulator
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1086-00
May 16, 00
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
l
Dropout Voltage 1.3V at 1.5A Output Current.
l
Fast Transient Response.
l
Line Regulation typically at 0.015%.
l
Load Regulation typically at 0.1%.
l
Internal Thermal and Current Limiting.
l
Adjustable Output Voltage or Fixed 2.85V, 3.3V,
5V.
l
Standard 3-Pin Power Packages.
n APPLICATIONS
l
Post Regulator for Switching Supply.
l
Battery Chargers.
l
Constant-Current Regulators.
l
PC Add-On Card.
n DESCRIPTION
The AIC1086 is a low dropout three terminal
regulator with 1.5A output current capability. The
output voltage is adjustable with the use of a
resistor divider or fixed 2.85V, 3.3V, 5V. Dropout
is guaranteed at a maximum of 1.5V at
maximum output current. Its low dropout voltage
and fast transient response make it ideal for low
voltage microprocessor applications. Internal
current and thermal limiting provides protection
against any overload condition that would create
excessive junction temperatures.
n TYPICAL APPLICATION CIRCUIT
C2
10µF
VOUT
3.3V
VIN
5V
+
+
VREF
RF2
205Ω
1%
ADJ
AIC1086
C1
10µF
2
3
1
RF1
125Ω
1%
V
REF=VOUT - VADJ=1.25V (typ.)
V
OUT=VREF x (1+RF2/RF1)+ IADJ x RF2
I
ADJ=55 µA (typ.)
(1) C1 needed if device is far away from filter
capacitors.
(2) C2 required for stability.
Adjustable Voltage Regulator
C2
10µF
VOUT
3.3V
VIN
5V
+
+
GND
C1
10µF
AIC1086-33
Fixed Voltage Regulator


Similar Part No. - AIC1086CT

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086 Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
AIC1086-18XY AIC-AIC1086-18XY Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
AIC1086-25XY AIC-AIC1086-25XY Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
AIC1086-28XY AIC-AIC1086-28XY Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
AIC1086-33XY AIC-AIC1086-33XY Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
More results

Similar Description - AIC1086CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
   1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1086 DIODES-AP1086_10 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE
DS31028 Rev. 6 - 2
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com