Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP521-4 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP521-4
Description  Programmable Controllers AC/DC?묲nput Module Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP521-4 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP521-4 Datasheet HTML 1Page - Toshiba Semiconductor TLP521-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP521-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP521-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP521-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP521-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP521-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP521-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP521-4 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP521
−1,TLP521−2,TLP521−4
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Rating
Characteristic
Symbol
TLP521
−1
TLP521
−2
TLP521
−4
Unit
Forward current
IF
70
50
mA
Forward current derating
ΔIF /°C
−0.93 (Ta ≥ 50°C)
−0.5 (Ta ≥ 25°C)
mA /°C
Pulse forward current
IFP
1 (100μ pulse, 100pps)
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector
−emitter voltage
VCEO
55
V
Emitter
−collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector power dissipation
(1 circuit)
PC
150
100
mW
Collector power dissipation
derating (1 circuit Ta ≥ 25°C)
ΔPC /°C
−1.5
−1.0
mW /°C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−55~100
°C
Lead soldering temperature
Tsol
260 (10 s)
°C
Total package power dissipation
PT
250
150
mW
Total package power dissipation
derating (Ta ≥ 25°C)
ΔPT /°C
−2.5
−1.5
mW /°C
Isolation voltage
BVS
2500 (AC, 1min., R.H.≤ 60%)
(Note 1)
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Device considered a two terminal device: LED side pins shorted together and detector side pins shorted
together.
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
5
24
V
Forward current
IF
16
25
mA
Collector current
IC
1
10
mA
Operating temperature
Topr
−25
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.


Similar Part No. - TLP521-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP521-4 TOSHIBA-TLP521-4 Datasheet
372Kb / 8P
   programmable controllers ac/dc-input module solid state relay
logo
List of Unclassifed Man...
TLP521-4 ETC-TLP521-4 Datasheet
74Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP521-4 TOSHIBA-TLP521-4 Datasheet
249Kb / 9P
   Programmable Controllers AC/DC−Input Module Solid State Relay
logo
ISOCOM COMPONENTS
TLP521-4 ISOCOM-TLP521-4 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP521-4 TOSHIBA-TLP521-4 Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
More results

Similar Description - TLP521-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP621GBF TOSHIBA-TLP621GBF Datasheet
208Kb / 10P
   Programmable Controller AC / DC?묲nput Module Solid State Relay
TLP621-4GB TOSHIBA-TLP621-4GB Datasheet
208Kb / 10P
   Programmable Controller AC / DC?묲nput Module Solid State Relay
TLP621-4GBF TOSHIBA-TLP621-4GBF Datasheet
208Kb / 10P
   Programmable Controller AC / DC?묲nput Module Solid State Relay
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
   Programmable Controllers AC / DC-Input Module Solid State Relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
   programmable controllers ac/dc-input module solid state relay
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
   programmable controllers ac/dc-input module solid state relay
logo
Guangdong Youtai Semico...
TLP521GB-S UMW-TLP521GB-S Datasheet
792Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
logo
Toshiba Semiconductor
TLP521-1 TOSHIBA-TLP521-1_07 Datasheet
249Kb / 9P
   Programmable Controllers AC/DC−Input Module Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com