Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB1T11AMX_NL Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # USB1T11AMX_NL
Description  Universal Serial Bus Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

USB1T11AMX_NL Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button USB1T11AMX_NL Datasheet HTML 3Page - Fairchild Semiconductor USB1T11AMX_NL Datasheet HTML 4Page - Fairchild Semiconductor USB1T11AMX_NL Datasheet HTML 5Page - Fairchild Semiconductor USB1T11AMX_NL Datasheet HTML 6Page - Fairchild Semiconductor USB1T11AMX_NL Datasheet HTML 7Page - Fairchild Semiconductor USB1T11AMX_NL Datasheet HTML 8Page - Fairchild Semiconductor USB1T11AMX_NL Datasheet HTML 9Page - Fairchild Semiconductor USB1T11AMX_NL Datasheet HTML 10Page - Fairchild Semiconductor USB1T11AMX_NL Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.fairchildsemi.com
8
Tape and Reel Specification
Tape Format for MLP
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
BQX
Carrier
2500
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape Size
A
(mm)
N
(Typical)
(mm)
W1
(mm)
W2
(Max)
(mm)
12 mm
330
178
12.4
18.4


Similar Part No. - USB1T11AMX_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T11AMX FAIRCHILD-USB1T11AMX Datasheet
484Kb / 11P
   Universal Serial Bus Transceiver
More results

Similar Description - USB1T11AMX_NL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550A MICREL-MIC2550A Datasheet
122Kb / 11P
   Universal Serial Bus Transceiver
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
ISP1103 PHILIPS-ISP1103 Datasheet
484Kb / 17P
   Universal Serial Bus transceiver
Rev. 01 - 4 October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com