Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1084-18CE Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1084-18CE
Description  5A Low Dropout Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1084-18CE Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1084-18CE Datasheet HTML 1Page - Analog Intergrations Corporation AIC1084-18CE Datasheet HTML 2Page - Analog Intergrations Corporation AIC1084-18CE Datasheet HTML 3Page - Analog Intergrations Corporation AIC1084-18CE Datasheet HTML 4Page - Analog Intergrations Corporation AIC1084-18CE Datasheet HTML 5Page - Analog Intergrations Corporation AIC1084-18CE Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AIC1084
5A Low Dropout Positive Adjustable Regulator
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1084-03
Sep 21, 01
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
l
Dropout Voltage 1.3V at 5A
Output Current.
l
Fast Transient Response.
l
Extremely Tight Line and Load Regulation.
l
Current Limiting and Thermal Protection.
l
Adjustable Output Voltage or Fixed 1.5V, 1.8V,
3.3V.
l
Standard 3-Pin Power Packages.
n APPLICATIONS
l
Mother Board I/O Power Supplies.
l
Microprocessor Power Supplies.
l
High Current Regulator.
l
Post Regulator for Switching Supply.
n DESCRIPTION
The AIC1084 is a low dropout three terminal
regulator with 5A output current capability. The
output voltage is adjustable with the use of a
resistor divider or fixed 3.3V. Dropout voltage is
guaranteed to be at maximum of 1.4V with the
maximum output current. Its low dropout voltage
and fast transient response make it ideal for low
voltage microprocessor applications. Current limit
and thermal protection provide protection against
any overload condition that would create excessive
junction temperatures.
n TYPICAL APPLICATION CIRCUIT
C2
10µF
VOUT
3.3V
VIN
5V
+
+
VREF
RF2
205Ω
1%
ADJ
AIC1084
C1
10µF
2
3
1
RF1
125Ω
1%
V
REF=VOUT - VADJ =1.25V (typ.)
V
OUT =VREF x (1+RF2/RF1)+ IADJ x RF2
I
ADJ =55µA (typ.)
(1)
C1 needed if device is far away from filter
capacitors.
(2)
C2 required for stability.
Adjustable Voltage Regulator
C2
10µF
VOUT
3.3V
VIN
5V
+
+
GND
C1
10µF
AIC1084-33
2
1
3
Fixed Voltage Regulator


Similar Part No. - AIC1084-18CE

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084_15 Datasheet
179Kb / 9P
   5A Low Dropout Positive Regulator
More results

Similar Description - AIC1084-18CE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
   5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
   5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com