Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDSU400BS-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSU400BS-HF
Description  SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSU400BS-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDSU400BS-HF Datasheet HTML 1Page - Comchip Technology CDSU400BS-HF Datasheet HTML 2Page - Comchip Technology CDSU400BS-HF Datasheet HTML 3Page - Comchip Technology CDSU400BS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
CDSU400BS-HF
SMD Switching Diode
Preliminary
Electrical Characteristics ( at TA = 25 °C unless otherwise noted )
Maximum Rating ( at TA = 25 C unless otherwise noted )
°C
Page 1
QW-G0017
REV:A
Parameter
Forward voltage
Reverse current
Capacitance between terminals
Reverse recovery time
Conditions
I F = 100 mA
VR = 80 V
f = 1MHz, and 0.5VDC reverse voltage
VR = 6V, IF = 10 mA, RL =50 ohms
Symbol
VF
IR
CT
Trr
Min Typ Max Unit
1.0
0.1
3
4
V
uA
pF
nS
Repetitive peak reverse voltage
Reverse voltage
Average forward current
Forward current , surge peak
Repetitive peak forward current
Power Dissipation
Storage temperature
Junction temperature
8.3 ms single half sine-wave superimposed
on rate load ( JEDEC method )
VRRM
VR
IO
IFSM
IFRM
PD
TSTG
T j
-55
1.5
100
100
100
225
150
+150
+150
V
mA
A
mA
mW
Parameter
Conditions
Symbol Min Typ Max Unit
°C
Comchip Technology CO., LTD.
RoHS Device
Halogen Free
V
Company reserves the right to improve product design , functions and reliability without notice.
Features
- Designed for mounting on small surface.
- Extremely thin/leadless package.
Mechanical data
- Case: 0603/SOD-523F standard package,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
- Polarity: Indicated by cathode band.
- Mounting position: Any.
- Weight: 0.003 gram(approx.).
- High Speed.
- High mounting capability, strong surge
withstand, high reliability.
- Low leakage current.
0.071(1.80)
0.063(1.60)
0.014(0.35) Typ.
0.039(1.00)
0.031(0.80)
0.033(0.85)
0.027(0.70)
Dimensions in inches and (millimeter)
0603/SOD-523F
0.012 (0.30) Typ.
0.028(0.70) Typ.


Similar Part No. - CDSU400BS-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
   SMD Switching Diode
CDSU400B-HF COMCHIP-CDSU400B-HF Datasheet
200Kb / 4P
   SMD Switching Diode
More results

Similar Description - CDSU400BS-HF

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
   SMD Switching Diode
logo
Comchip Technology
CDSF4148 COMCHIP-CDSF4148 Datasheet
71Kb / 2P
   SMD Switching Diode
CDSF355 COMCHIP-CDSF355 Datasheet
70Kb / 2P
   SMD Switching Diode
CDSER400B-HF COMCHIP-CDSER400B-HF Datasheet
124Kb / 4P
   SMD Switching Diode
CDSF355BS-HF COMCHIP-CDSF355BS-HF Datasheet
126Kb / 4P
   SMD Switching Diode
ACDSV4148-G COMCHIP-ACDSV4148-G Datasheet
102Kb / 4P
   SMD Switching Diode
QW-A8011 COMCHIP-QW-A8011 Datasheet
153Kb / 2P
   SMD Switching Diode
CDSF4448-HF COMCHIP-CDSF4448-HF Datasheet
127Kb / 4P
   SMD Switching Diode
ACDSW4148-G COMCHIP-ACDSW4148-G Datasheet
139Kb / 4P
   SMD Switching Diode
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
   SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
   SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com