Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1086-50CE Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1086-50CE
Description  1.5A Low Dropout Positive Adjustable Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1086-50CE Datasheet(HTML) 7 Page - Analog Intergrations Corporation

  AIC1086-50CE Datasheet HTML 1Page - Analog Intergrations Corporation AIC1086-50CE Datasheet HTML 2Page - Analog Intergrations Corporation AIC1086-50CE Datasheet HTML 3Page - Analog Intergrations Corporation AIC1086-50CE Datasheet HTML 4Page - Analog Intergrations Corporation AIC1086-50CE Datasheet HTML 5Page - Analog Intergrations Corporation AIC1086-50CE Datasheet HTML 6Page - Analog Intergrations Corporation AIC1086-50CE Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AIC1086
7
l SOT-223
SYMBOL
MIN
MAX
A1
0.02
0.12
B
0.60
0.80
B1
2.90
3.15
C
0.24
0.35
D
6.30
6.80
E
3.30
3.70
e
2.30 (TYP.)
H
6.70
7.30
0° ~ 10°
13° ± 3°
13° ± 3°
C
0.91 MIN
E
H
D
B1
3 (PLCS)
B
A1
13° ± 3
°
e
l SOT-223 Marking
Part No.
Marking
AIC1086CY
1086
AIC1086-28CY
AX28
AIC1086-33CY
AX33
AIC1086-50CY
AX50
l TO-263 (unit: mm)
SYMBOL
MIN
MAX
A
4.06
4.83
b
0.50
1.00
b2
1.14
1.40
C
-
0.7
c2
1.14
1.40
D
8.63
9.66
E
9.65
10.29
e
2.54 (TYP.)
L
14.60
15.88
L1
2.28
2.80
E
L
A
C
L1
e
D
b2
b
C2
L2
L2
-
1.40


Similar Part No. - AIC1086-50CE

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1086-50XY AIC-AIC1086-50XY Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
More results

Similar Description - AIC1086-50CE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
   1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1086 DIODES-AP1086_10 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE
DS31028 Rev. 6 - 2
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com