Electronic Components Datasheet Search |
|
VJ0402A102DXAAT Datasheet(PDF) 3 Page - Vishay Siliconix |
|
VJ0402A102DXAAT Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 15 page VJ Commercial Series www.vishay.com Vishay Vitramon Revision: 06-May-13 3 Document Number: 45199 For technical questions, contact: mlcc@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) DC voltage rating should not be exceeded in application. Other application factors may affect the MLCC performance. Consult for questions: mlcc@vishay.com (2) Process code may be added with up to three digits, used to control non-standard products and/or special requirements (3) Case size designator may be replaced by four digit drawing number used to control non-standard products and/or special requirements (4) Selected values for X5R, see “Selection Chart” (5) Selected values available, contact mlcc@vishay.com for list of released ratings (6) Termination code “E” is for conductive epoxy assembly ORDERING INFORMATION VJ0805 (3) Y 102 K X A A T ### (2) CASE CODE DIELECTRIC CAPACITANCE NOMINAL CODE CAPACITANCE TOLERANCE TERMINATION DC VOLTAGE RATING (1) MARKING PACKAGING PROCESS CODE 0402 0603 0805 1206 1210 1808 1812 1825 2220 2225 3640 A = C0G (NP0) Y = X7R G = X5R (4) Expressed in picofarads (pF). The first two digits are significant, the third is a multiplier. Examples: 1R8 = 1.8 pF 102 = 1000 pF B = ± 0.10 pF C = ± 0.25 pF D = ± 0.5 pF F = ± 1 % G = ± 2 % J = ± 5 % K = ± 10 % M = ± 20 % Note C0G (NP0): B, C, D < 10 pF F, G, J, K 10 pF X7R/X5R: J, K, M X = Ni barrier 100 % tin plated matte finish F, E = AgPd B = Polymer 100 % tin plated matte finish (5) Q = 10 V J = 16 V X = 25 V A = 50 V B = 100 V C = 200 V P = 250 V E = 500 V L = 630 V G = 1000 V A = Unmarked M = Marked Note Marking is only available for 0805 and 1206 with termination code “X” C = 7" reel/paper tape T = 7" reel/plastic tape P = 11 1/4"/13" reel/ paper tape R = 11 1/4"/13" reel/ plastic tape O = 7" reel/ flamed paper tape I = 11 1/4"/13"reel/ flamed paper tape Note “I” and “O” are used for “F”, “E” termination size 0402/0603/0805 ENVIRONMENTAL STATUS TERMINATION CODE TERMINATION DESCRIPTION RoHS COMPLIANT VISHAY GREEN X Ni barrier 100 % tin plated matte finish Yes Yes EAgPd Yes Yes B Polymer layer, 100 % tin plated matte finish Yes No FAgPd Yes No |
Similar Part No. - VJ0402A102DXAAT |
|
Similar Description - VJ0402A102DXAAT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |