Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1086-28CM Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1086-28CM
Description  1.5A Low Dropout Positive Adjustable Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1086-28CM Datasheet(HTML) 6 Page - Analog Intergrations Corporation

  AIC1086-28CM Datasheet HTML 1Page - Analog Intergrations Corporation AIC1086-28CM Datasheet HTML 2Page - Analog Intergrations Corporation AIC1086-28CM Datasheet HTML 3Page - Analog Intergrations Corporation AIC1086-28CM Datasheet HTML 4Page - Analog Intergrations Corporation AIC1086-28CM Datasheet HTML 5Page - Analog Intergrations Corporation AIC1086-28CM Datasheet HTML 6Page - Analog Intergrations Corporation AIC1086-28CM Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AIC1086
6
n PHYSICAL DIMENSIONS
l TO-220 (unit: mm)
SYMBOL
MIN
MAX
A
3.56
4.82
D
14.23
16.51
E
9.66
10.66
e
2.29
2.79
e1
0.50
1.15
e2
-
1.10
F
0.51
1.39
J1
2.04
2.92
L
12.70
14.73
E
D
e1
e
A
F
L
J1
e2
l TO-252 (unit: mm)
SYMBOL
MIN
MAX
A
2.19
2.38
A1
1.02
1.27
b
0.64
0.88
b2
5.21
5.46
C1
0.46
0.58
D
5.33
5.59
E
6.35
6.73
e
2.28 (TYP.)
H
9.40
10.42
E
b2
A
C1
A1
H
D
L
b
e
L
0.51
-


Similar Part No. - AIC1086-28CM

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1086-28XY AIC-AIC1086-28XY Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
More results

Similar Description - AIC1086-28CM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
   1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1086 DIODES-AP1086_10 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE
DS31028 Rev. 6 - 2
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com