Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSL0603L000JEA99 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSL0603L000JEA99
Description  Power Metal Strip Resistors, Low Value, Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL0603L000JEA99 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSL0603L000JEA99 Datasheet HTML 1Page - Vishay Siliconix WSL0603L000JEA99 Datasheet HTML 2Page - Vishay Siliconix WSL0603L000JEA99 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSL
www.vishay.com
Vishay Dale
Revision: 06-Jun-12
2
Document Number: 30100
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
DERATING
Note
• Embossed Carrier Tape per EIA-481.
MODEL
RESISTANCE
RANGE (Ω)
DIMENSIONS
SOLDER PAD DIMENSIONS
LW
H
T
a
b
l
WSL0603
0.01 to 0.1
0.060 ± 0.010
(1.52 ± 0.254)
0.030 ± 0.010
(0.76 ± 0.254)
0.013 ± 0.005
(0.330 ± 0.127)
0.015 ± 0.010
(0.381 ± 0.254)
0.040
(1.01)
0.040
(1.01)
0.020
(0.50)
WSL0805
0.005 to 0.2
0.080 ± 0.010
(2.03 ± 0.254)
0.050 ± 0.010
(1.27 ± 0.254)
0.013 ± 0.005
(0.330 ± 0.127)
0.015 ± 0.010
(0.381 ± 0.254)
0.040
(1.02)
0.050
(1.27)
0.020
(0.50)
WSL1206
0.001 to 0.0019
0.126 ± 0.010
(3.20 ± 0.254)
0.063 ± 0.010
(1.60 ± 0.254)
0.025 ± 0.010
(0.635 ± 0.254)
0.041 ± 0.010
(1.04 ± 0.254)
0.062
(1.57)
0.070
(1.78)
0.030
(0.76)
0.002 to 0.0059
0.025 ± 0.010
(0.635 ± 0.254)
0.006 to 0.20
0.020 ± 0.010
(0.508 ± 0.254)
WSL2010
0.001 to 0.0069
0.200 ± 0.010
(5.08 ± 0.254)
0.100 ± 0.010
(2.54 ± 0.254)
0.025 ± 0.010
(0.635 ± 0.254)
0.058 ± 0.010
(1.47 ± 0.254)
0.093
(2.36)
0.120
(3.05)
0.055
(1.40)
0.007 to 0.5
0.020 ± 0.010
(0.508 ± 0.254)
0.055
(1.40)
0.120
(3.05)
0.130
(3.30)
WSL2512
0.0005 to 0.00099
0.250 ± 0.010
(6.35 ± 0.254)
0.125 ± 0.010
(3.18 ± 0.254)
0.025 ± 0.010
(0.635 ± 0.254)
0.107 ± 0.010
(2.72 ± 0.254)
0.120
(3.05)
0.145
(3.68)
0.050
(1.27)
0.001 to 0.0049
0.087 ± 0.010
(2.21 ± 0.254)
0.005 to 0.0069
0.047 ± 0.010
(1.19 ± 0.254)
0.083
(2.11)
0.125
(3.18)
0.007 to 0.5
0.030 ± 0.010
(0.762 ± 0.254)
0.065
(1.65)
0.160
(4.06)
WSL2816
0.002 to 0.00399
0.280 ± 0.010
(7.1 ± 0.254)
0.165 ± 0.010
(4.2 ± 0.254)
0.025 ± 0.010
(0.635 ± 0.254)
0.098 ± 0.010
(2.49 ± 0.254)
0.096
(2.45)
0.185
(4.7)
0.125
(3.20)
0.004 to 0.1
0.062 ± 0.010
(1.57 ± 0.254)
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± (0.5 % + 0.0005
Ω) ΔR
Short time overload
5 x rated power for 5 s
± (0.5 % + 0.0005
Ω) ΔR
Low temperature operation
- 65 °C for 24 h
± (0.5 % + 0.0005
Ω) ΔR
High temperature exposure
1000 h at + 170 °C
± (1.0 % + 0.0005
Ω) ΔR
Bias humidity
+ 85 °C, 85 % RH, 10 % bias, 1000 h
± (0.5 % + 0.0005
Ω) ΔR
Mechanical shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.0005
Ω) ΔR
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± (0.5 % + 0.0005
Ω) ΔR
Load life
1000 h at rated power, + 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.0005
Ω) ΔR
Resistance to solder heat
+ 260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.0005
Ω) ΔR
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7a and 7b not required
± (0.5 % + 0.0005
Ω) ΔR
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSL0603
8 mm/punched paper
178 mm/7"
5000
EA
WSL0805
8 mm/punched paper
178 mm/7"
5000
EA
WSL1206
8 mm/embossed plastic
178 mm/7"
4000
EA
WSL2010
12 mm/embossed plastic
178 mm/7"
4000
EA
WSL2512
12 mm/embossed plastic
178 mm/7"
2000
EA
WSL2816
12 mm/embossed plastic
178 mm/7"
2000
EH
L
T
W
H
l
b
a
70
120
100
80
60
40
20
0
- 65 - 50
- 25
0
25
50
75
100
125
150
170
Ambient Temperature in °C


Similar Part No. - WSL0603L000JEA99

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL0603L000JEA18 VISHAY-WSL0603L000JEA18 Datasheet
95Kb / 3P
   Power Metal Strip Resistors, High Power Low Value, Surface Mount
Revision: 09-Sep-11
More results

Similar Description - WSL0603L000JEA99

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3921 VISHAY-WSL3921 Datasheet
116Kb / 2P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 29-Mar-05
WSR3R2000FEA VISHAY-WSR3R2000FEA Datasheet
89Kb / 3P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 17-Jan-13
WSL0805R0200FEA18 VISHAY-WSL0805R0200FEA18 Datasheet
95Kb / 3P
   Power Metal Strip Resistors, High Power Low Value, Surface Mount
Revision: 09-Sep-11
WSL3637 VISHAY-WSL3637 Datasheet
159Kb / 2P
   Power Metal Strip Resistors, Low Value, Surface Mount, 4-Terminal
Revision: 11-Sep-04
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 27-Aug-08
WSL4026 VISHAY-WSL4026 Datasheet
141Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 31-Jul-08
WSL2512R1500FTA VISHAY-WSL2512R1500FTA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 06-Jun-12
WSL2512R3300FEA VISHAY-WSL2512R3300FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 06-Jun-12
WSL1206R2500 VISHAY-WSL1206R2500 Datasheet
87Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 05-Mar-14
WSR5R0150FTA VISHAY-WSR5R0150FTA Datasheet
91Kb / 3P
   Power Metal Strip Resistors, Low Value (down to 0.001), Surface Mount
Revision: 18-Jan-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com