Electronic Components Datasheet Search |
|
VJ0805Y1R8BXQAT Datasheet(PDF) 1 Page - Vishay Siliconix |
|
VJ0805Y1R8BXQAT Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 15 page VJ Commercial Series www.vishay.com Vishay Vitramon Revision: 06-May-13 1 Document Number: 45199 For technical questions, contact: mlcc@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications FEATURES • C0G (NP0) and X7R/X5R dielectrics offered • C0G (NP0) is an ultra-stable dielectric offering a very low Temperature Coefficient of Capacitance (TCC) • C0G (NP0) offers low dissipation • Excellent aging characteristics • Ideal for decoupling and filtering (X7R) • Ideal for surge suppression and high voltage applications • Wide range of case sizes, voltage ratings and capacitance values • Wet build process • Reliable Noble Metal Electrode (NME) system • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 APPLICATIONS • Timing and tuning circuits • Sensor and scanner applications • Decoupling and filtering • Surge suppression ELECTRICAL SPECIFICATIONS C0G (NP0) DIELECTRIC GENERAL SPECIFICATION Note Electrical characteristics at + 25 °C unless otherwise specified Operating Temperature: - 55 °C to + 150 °C (above + 125 °C changed characteristics) Capacitance Range: 1 pF to 56 nF Voltage Range: 25 VDC to 1000 VDC Temperature Coefficient of Capacitance (TCC): 0 ppm/°C ± 30 ppm/°C from - 55 °C to + 125 °C Dissipation Factor (DF): 0.1 % maximum at 1.0 VRMS and 1 MHz for values 1000 pF 0.1 % maximum at 1.0 VRMS and 1 kHz for values > 1000 pF Insulating Resistance: At + 25 °C 100 000 M min. or 1000 F whichever is less At + 125 °C 10 000 M min. or 100 F whichever is less Aging Rate: 0 % maximum per decade Dielectric Strength Test: Performed per method 103 of EIA 198-2-E Applied test voltages 200 VDC-rated: 250 % of rated voltage 500 VDC-rated: 200 % of rated voltage 630 VDC,1000 VDC-rated: 150 % of rated voltage X5R, X7R DIELECTRIC GENERAL SPECIFICATION Note Electrical characteristics at + 25 °C unless otherwise specified Operating Temperature: - 55 °C to + 150 °C (X5R above + 85 °C changed characteristics) (X7R above + 125 °C changed characteristics) Capacitance Range: 120 pF to 6.8 μF Voltage Range: 10 VDC to 1000 VDC Temperature Coefficient of Capacitance (TCC): X5R: ± 15 % from - 55 °C to + 85 °C, with 0 VDC applied X7R: ± 15 % from - 55 °C to + 125 °C, with 0 VDC applied Dissipation Factor (DF): 10 V ratings: 5 % maximum at 1.0 VRMS and 1 kHz 16 V/25 V ratings: 3.5 % maximum at 1.0 VRMS and 1 kHz > 25 V ratings: 2.5 % maximum at 1.0 VRMS and 1 kHz Insulating Resistance: At + 25 °C 100 000 M min. or 1000 F whichever is less At + 125 °C 10 000 M min. or 100 F whichever is less Aging Rate: 1 % maximum per decade Dielectric Strength Test: Performed per method 103 of EIA 198-2-E. Applied test voltages 250 V DC-rated: 250 % of rated voltage 500 VDC-rated: min. 150 % of rated voltage 630 VDC, 1000 VDC-rated: 150 % of rated voltage |
Similar Part No. - VJ0805Y1R8BXQAT |
|
Similar Description - VJ0805Y1R8BXQAT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |