Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1525 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1525
Description  USB High-Side Power Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1525 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1525 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1525 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1525 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1525 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1525 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1525 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1525 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1525 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1525 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AIC1525
2
n ORDERING INFORMATION
ORDER NUMBER
AIC1525-0CN
AIC1525-1CN
(PLASTIC DIP)
PIN CONFIGURATION
TOP VIEW
PACKAGE TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
TEMPERATURE RANGE
C: 0°C~70°C
CONTROL POLARITY
0: ACTIVE LOW
1: ACTIVE HIGH
AIC1525-XXX
AIC1525-0CS
AIC1525-1CS
(PLASTIC SO)
OUT
OUT
IN
IN
GND
FLG
NC
CTL
1
3
4
2
8
6
5
7
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VIN)
.......................................................………… .......…… ........... 7.0V
Fault Flag Voltage (VFLG) ........................................................……………… ..…… ...... 7.0V
Fault Flag Current (IFLG)
...................……… .....................……… ...............… ........ 50mA
Control Input (VCTL) ......................................................…………… ....…… ..…. -0.3V ~15V
Operating Temperature Range
..............………… ..…………… .… ............... -20
°C~80°C
Storage Temperature Range
....................................……… .................. -65
°C ~ 150°C
n TEST CIRCUIT
CTL
VCC
+5V
10Ω
0.1µF
OFF
ON
10K
AIC1525
OUT
FLG
GND
IN
IN
NC
OUT


Similar Part No. - AIC1525

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CX AIC-AIC1520CX Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CZ AIC-AIC1520CZ Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1521 AIC-AIC1521 Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
AIC1521-0CO AIC-AIC1521-0CO Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
More results

Similar Description - AIC1525

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2525A SIPEX-SP2525A Datasheet
234Kb / 9P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5520H RICOH-R5520H Datasheet
166Kb / 14P
   USB HIGH-SIDE POWER SWITCH
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6525 SSC-SS6525 Datasheet
529Kb / 9P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5523N RICOH-R5523N Datasheet
332Kb / 12P
   USB HIGH-SIDE POWER SWITCH
logo
Unisonic Technologies
US2076B UTC-US2076B Datasheet
224Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC6166 AIC-AIC6166 Datasheet
854Kb / 11P
   Regulatory USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com