Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402A101CXSP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ0402A101CXSP
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402A101CXSP Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ0402A101CXSP Datasheet HTML 1Page - Vishay Siliconix VJ0402A101CXSP Datasheet HTML 2Page - Vishay Siliconix VJ0402A101CXSP Datasheet HTML 3Page - Vishay Siliconix VJ0402A101CXSP Datasheet HTML 4Page - Vishay Siliconix VJ0402A101CXSP Datasheet HTML 5Page - Vishay Siliconix VJ0402A101CXSP Datasheet HTML 6Page - Vishay Siliconix VJ0402A101CXSP Datasheet HTML 7Page - Vishay Siliconix VJ0402A101CXSP Datasheet HTML 8Page - Vishay Siliconix VJ0402A101CXSP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
VJ....W1BC Basic Commodity Series
www.vishay.com
Vishay
Revision: 07-Nov-13
1
Document Number: 28548
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Multilayer Ceramic Chip Capacitors
for Commodity Applications
FEATURES
• Available from 0402 to 1210 body sizes
• Ultra stable C0G (NP0) dielectric
• High capacitance in X5R, X7R, Y5V
• For high frequency applications
• Ni-barrier with 100 % tin terminations
• Dry sheet technology process
• Noble Metal Electrode system (NME):
For certain C0G (NP0) values
• Base Metal Electrode system (BME):
For X5R, X7R, Y5V and certain C0G (NP0) values
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Consumer electronics
• Telecommunications
• Data processing
• Mobile applications
ELECTRICAL SPECIFICATIONS
Operating Temperature:
C0G (NP0): -55 °C to +125 °C
X5R: -55 °C to +85 °C
X7R: -55 °C to +125 °C
Y5V: -25 °C to +85 °C
Capacitance Range:
C0G (NP0): 0.5 pF to 39 nF
X5R: 47 nF to 100 μF
X7R: 100 pF to 47 μF
Y5V: 10 nF to 100 μF
Voltage Range:
C0G (NP0): 10 VDC to 100 VDC
X5R: 6.3 VDC to 50 VDC
X7R: 10 VDC to 100 VDC
Y5V: 6.3 VDC to 100 VDC
Temperature Coefficient of Capacitance (TCC):
C0G (NP0): 0 ppm/°C ± 30 ppm/°C from -55 °C to +125 °C
X5R: ± 15 % from -55 °C to +85 °C without voltage applied
X7R: ± 15 % from -55 °C to +125 °C without voltage applied
Y5V: +30 %/-80 % from -25 °C to +85 °C without voltage
applied
Insulation Resistance (IR) at UR:
 10 G or R x C  500  x F whichever is less
Test Conditions for Capacitance Tolerance:
Preconditioning for X5R, X7R, Y5V MLCC: Perform a heat
treatment at +150 °C ± 10 °C for 1 h, then leave in ambient
condition for 24 h ± 2 h before measurement
Test Conditions for Capacitance and DF Measurement:
Measured at conditions of 30 % to 70 % related humidity.
C0G (NP0): Apply 1.0 VRMS ± 0.2 VRMS, 1.0 MHz ± 10 % for
caps
 1000 pF, at +25 °C ambient temperature
Apply 1.0 VRMS ± 0.2 VRMS, 1.0 kHz ± 10 % for
caps > 1000 pF, at +25 °C ambient temperature
X5R/X7R: Caps
 10 μF apply 1.0 V
RMS ± 0.2 VRMS,
1.0 kHz ± 10 %, at +25 °C ambient temperature (1)
Caps > 10 μF apply 0.5 VRMS ± 0.2 VRMS,
120 Hz ± 20 %, at +25 °C ambient temperature
Y5V:
Caps
 10 μF apply 1.0 V
RMS ± 0.2 VRMS,
1.0 kHz ± 10 %, at +20 °C ambient temperature
Caps > 10 μF apply 0.5 VRMS ± 0.2 VRMS,
120 Hz ± 20 %, at +20 °C ambient temperature
Note
(1) Test conditions: 0.5 VRMS ± 0.2 VRMS, 1 kHz ± 10 %
Aging Rate:
C0G (NP0): 0 % per decade
X5R: 6.3 VDC/10 VDC: 3 % maximum per decade
16 VDC/25 VDC: 2 % maximum per decade
X7R:
 10 V
DC: 1.5 % maximum per decade
 16 V
DC: 1 % maximum per decade
Y5V: 6.3 VDC: 12.5 % maximum per decade
10 VDC/16 VDC: 9 % maximum per decade
 25 V
DC: 7 % maximum per decade
Dielectric Strength Test:
This is the maximum voltage the capacitors are tested 1 s to
5 s period and the charge/discharge current does not
exceed 50 mA.
 100 V
DC: 250 % of rated voltage
X7R: 0603:
 2.2 μF/10 V
0805: 10 μF (6.3 V and 10 V)
X5R: 0402:
 4.7 μF/6.3 V and  2.2 μF/10 V
0603: 10 μF/6.3 V


Similar Part No. - VJ0402A101CXSP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402A101FXSCW1BC VISHAY-VJ0402A101FXSCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0402A101FXSPW1BC VISHAY-VJ0402A101FXSPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0402A101FXYCW1BC VISHAY-VJ0402A101FXYCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0402A101FXYPW1BC VISHAY-VJ0402A101FXYPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0402A101GXSCW1BC VISHAY-VJ0402A101GXSCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
More results

Similar Description - VJ0402A101CXSP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com