Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSL0603R000FTA18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WSL0603R000FTA18
Description  Power Metal Strip Resistors, High Power Low Value, Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL0603R000FTA18 Datasheet(HTML) 3 Page - Vishay Siliconix

  WSL0603R000FTA18 Datasheet HTML 1Page - Vishay Siliconix WSL0603R000FTA18 Datasheet HTML 2Page - Vishay Siliconix WSL0603R000FTA18 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 02-Oct-12
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk. Please
contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
Material Category Policy
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as RoHS-Compliant fulfill the
definitions and restrictions defined under Directive 2011/65/EU of The European Parliament and of the Council
of June 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(EEE) - recast, unless otherwise specified as non-compliant.
Please note that some Vishay documentation may still make reference to RoHS Directive 2002/95/EC. We confirm that
all the products identified as being compliant to Directive 2002/95/EC conform to Directive 2011/65/EU.
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as Halogen-Free follow Halogen-Free
requirements as per JEDEC JS709A standards. Please note that some Vishay documentation may still make reference
to the IEC 61249-2-21 definition. We confirm that all the products identified as being compliant to IEC 61249-2-21
conform to JEDEC JS709A standards.


Similar Part No. - WSL0603R000FTA18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL0603R000FTA99 VISHAY-WSL0603R000FTA99 Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 06-Jun-12
More results

Similar Description - WSL0603R000FTA18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512R0250FEA VISHAY-WSL2512R0250FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 06-Jun-12
WSL3921 VISHAY-WSL3921 Datasheet
116Kb / 2P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 29-Mar-05
WSR3R2000FEA VISHAY-WSR3R2000FEA Datasheet
89Kb / 3P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 17-Jan-13
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 27-Aug-08
WSL4026 VISHAY-WSL4026 Datasheet
141Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 31-Jul-08
WSH2818R0200FEA VISHAY-WSH2818R0200FEA Datasheet
295Kb / 3P
   Power Metal Strip Resistors, High Power (5 W) Low Value, Surface Mount
Revision: 08-Dec-10
WSL3637 VISHAY-WSL3637 Datasheet
159Kb / 2P
   Power Metal Strip Resistors, Low Value, Surface Mount, 4-Terminal
Revision: 11-Sep-04
WSL2512R1500FTA VISHAY-WSL2512R1500FTA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 06-Jun-12
WSL2512R3300FEA VISHAY-WSL2512R3300FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 06-Jun-12
WSL1206R2500 VISHAY-WSL1206R2500 Datasheet
87Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 05-Mar-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com