Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0805G101BXYP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ0805G101BXYP
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0805G101BXYP Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ0805G101BXYP Datasheet HTML 1Page - Vishay Siliconix VJ0805G101BXYP Datasheet HTML 2Page - Vishay Siliconix VJ0805G101BXYP Datasheet HTML 3Page - Vishay Siliconix VJ0805G101BXYP Datasheet HTML 4Page - Vishay Siliconix VJ0805G101BXYP Datasheet HTML 5Page - Vishay Siliconix VJ0805G101BXYP Datasheet HTML 6Page - Vishay Siliconix VJ0805G101BXYP Datasheet HTML 7Page - Vishay Siliconix VJ0805G101BXYP Datasheet HTML 8Page - Vishay Siliconix VJ0805G101BXYP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VJ....W1BC Basic Commodity Series
www.vishay.com
Vishay
Revision: 07-Nov-13
2
Document Number: 28548
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dissipation Factor (DF):
C0G (NP0): Cap. < 30 pF: Q
 400 + 20C
Cap.
 30 pF: Q  1000
X5R, X7R:
Y5V:
Note
• Detail ratings see “Selection Chart”
RATED
VOLTAGE
D.F.
EXCEPTION OF D.F.
 50 V
2.5 %
3 %
0603
 0.047 μF; 0805  0.18 μF;
1206
 0.47 μF
5 %
1210
 4.7 μF
10 %
0603
 1 μF; 0805  1 μF;
1206
 2.2 μF; 1210  10 μF
25 V
3.5 %
5 %
0805
 1 μF; 1210  10 μF
7 %
0603
 0.33 μF; 1206  4.7 μF
10 %
0402
 0.10 μF; 0603  0.47 μF;
0805
 2.2 μF; 1206  6.8 μF;
1210
 22 μF
16 V
3.5 %
5 %
0402
 0.033 μF; 0603  0.15 μF;
0805
 0.68 μF; 1206  2.2 μF;
1210
 4.7 μF
10 %
0402
 0.22 μF; 0603  0.68 μF;
0805
 2.2 μF; 1206  4.7 μF;
1210
 22 μF
10 V
5 %
10 %
0402
 0.33 μF; 0603  0.33 μF;
0805
 2.2 μF; 1206  2.2 μF;
1210
 22 μF
15 %
0402
 1 μF
6.3 V
10 %
15 %
0402
 1 μF; 0603  10 μF;
0805
 4.7 μF; 1206  47 μF;
1210
 100 μF
20 %
0402
 2.2 μF
RATED
VOLTAGE
D.F.
EXCEPTION OF D.F.
 50 V
5 %
7 %
0603
 0.1 μF; 0805  0.47 μF;
1206
 4.7 μF
35 V
7 %
-
-
25 V
5 %
7 %
0402
 0.047 μF; 0603  0.1 μF;
0805
 0.33 μF; 1206  1 μF;
1210
 4.7 μF
9 %
0402
 0.068 μF; 0603  0.47 μF;
1206
 4.7 μF; 1210  22 μF
16 V
C < 1.0 μF
7 %
9 %
0402
 0.068 μF; 0603  0.68 μF
12.5 %
0402
 0.22 μF
16 V
C
 1.0 μF
9 %
12.5 %
0603
 2.2 μF; 0805  3.3 μF;
1206
 10 μF; 1210  22 μF
10 V
12.5 %
20 %
0402
 0.47 μF
6.3 V
20 %
-
-
QUICK REFERENCE DATA
DIELECTRIC
CASE
MAXIMUM VOLTAGE
(V)
CAPACITANCE
MINIMUM
MAXIMUM
C0G (NP0)
0402
100
0.5 pF
1.0 nF
0603
100
0.5 pF
3.3 nF
0805
100
0.5 pF
12 nF
1206
100
1.5 pF
39 nF
X5R
0402
25
47 nF
10 μF
0603
25
220 nF
22 μF
0805
25
1.5 μF
47 μF
1206
25
1.5 μF
100 μF
1210
16
1.5 μF
100 μF
X7R
0402
50
100 pF
220 nF
0603
100
100 pF
2.2 μF
0805
100
100 pF
10 μF
1206
100
150 pF
22 μF
1210
100
1.0 nF
47 μF
Y5V
0402
50
10 nF
1.0 μF
0603
50
10 nF
4.7 μF
0805
100
10 nF
10 μF
1206
100
10 nF
22 μF
1210
100
10 nF
100 μF


Similar Part No. - VJ0805G101BXYP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805G101FXSCW1BC VISHAY-VJ0805G101FXSCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805G101FXSPW1BC VISHAY-VJ0805G101FXSPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805G101FXYCW1BC VISHAY-VJ0805G101FXYCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805G101FXYPW1BC VISHAY-VJ0805G101FXYPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805G101GXSCW1BC VISHAY-VJ0805G101GXSCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
More results

Similar Description - VJ0805G101BXYP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com