Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1527 Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1527
Description  Quad USB High-Side Power Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1527 Datasheet(HTML) 7 Page - Analog Intergrations Corporation

  AIC1527 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1527 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1527 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1527 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1527 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1527 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1527 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1527 Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AIC1527
DS-1527-00
May 31, 00
7
PIN 10,14:GND
- Chip power return, Connect both
pins to ground.
PIN 11:IN(C/D) -
Channel C AND D power supply
input.
PIN12(16):OUTC(A)
-Channel
C(A)
MOSFET
switch output.
PIN15: IN(A/B) - Channel A and B power supply
input.
n APPLICATION INFORMATIONS
l Error Flag
An open-drained output of an N-channel MOSFET, the
FLG output is pulled low to signal the following fault
conditions: input undervoltage, output current limit,
and thermal shutdown.
l Current Limit
The current limit threshold is preset internally. It
protects the output MOSFET switches from damage
due to undesirable short circuit conditions or excess
inrush current often encountered during hot plug-in.
The low limit of the current limit threshold of the
AIC1527 allows a minimum current of 0.5A through the
MOSFET switches. A current limit condition will signal
the error flag.
l Thermal Shutdown
When the chip temperature exceeds 135
°C for any
reason other than overcurrent fault of either one of the
four MOSFET
switches,
the
thermal
shutdown
function turns off all MOSFET switches and signal the
error flag. A hysteresis of 10℃prevents the MOSFETs
from turning back on until the chip temperature drops
to below 125 ℃ . However, if thermal shutdown is
triggered by chip temperature rise due to overcurrent
fault condition of either one of the MOSFET switches,
the thermal shutdown function will only turn off the
switch that is in overcurrent condition and the other
switch can still remain its normal operation. In other
words, the thermal shutdown function of the four
switches is independent of each other in the case of
overcurrent fault.
l Supply Filtering
A 0.1uF to 1uF bypass capacitor from IN to GND,
located near the device, is strongly recommended to
control supply transients. Without a bypass capacitor,
an output short may cause sufficient ringing on the
input (from supply lead inductance) to damage internal
control circuitry.
l Transient Droop Requirements
USB support dynamic attachment (hot plug-in) of
peripherals. A current surge is caused by the input
capacitance of downstream device. Ferrite beads are
recommended in series with all power and ground
connector pins. Ferrite beads reduce EMI and limit the
inrush current during hot-attachment by filtering high-
frequency signals.
l Short Circuit Transient
Bulk capacitance provides the short-term transient
current needed during a hot-attachment event. With a
33uF, 16V tantalum or 100uF, 10V electrolytic
capacitor mounted close to downstream connector
per port should provide transient drop protection.
l Printed Circuit Layout
The power circuitry of USB printed circuit boards
requires a customized layout to maximize thermal
dissipation and to minimize voltage drop and EMI.


Similar Part No. - AIC1527

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CX AIC-AIC1520CX Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CZ AIC-AIC1520CZ Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1521 AIC-AIC1521 Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
AIC1521-0CO AIC-AIC1521-0CO Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
More results

Similar Description - AIC1527

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
   Quad USB High-Side Power Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
logo
Renesas Technology Corp
PD16874 RENESAS-PD16874_15 Datasheet
240Kb / 22P
   QUAD Pch HIGH-SIDE SWITCH FOR USB
logo
Sipex Corporation
SP2525A SIPEX-SP2525A Datasheet
234Kb / 9P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5520H RICOH-R5520H Datasheet
166Kb / 14P
   USB HIGH-SIDE POWER SWITCH
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6525 SSC-SS6525 Datasheet
529Kb / 9P
   USB High-Side Power Switch
logo
Analog Intergrations Co...
AIC1525 AIC-AIC1525 Datasheet
158Kb / 10P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5523N RICOH-R5523N Datasheet
332Kb / 12P
   USB HIGH-SIDE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com