Electronic Components Datasheet Search |
|
C4532C0G1H0R5B050A Datasheet(PDF) 11 Page - TDK Electronics |
|
C4532C0G1H0R5B050A Datasheet(HTML) 11 Page - TDK Electronics |
11 / 31 page (10/30) 007-02 / 20110907 / e412_c.fm • All specifications are subject to change without notice. Please read the precautions before using this catalog. • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. • For more information about the products of other capacitance or data, please contact us. CAPACITANCE RANGES: CLASS 2 TEMPERATURE CHARACTERISTICS: X5R(±15%) Capacitance Dimension L ×W Thickness T(mm) Capacitance tolerance Part No. Rated voltage Edc: 50V Rated voltage Edc: 35V Rated voltage Edc: 25V Rated voltage Edc: 16V 100pF 0402 0.20±0.02 ±10% C0402X5R1C101K(020BA) ±20% C0402X5R1C101M(020BA) 0603 0.30±0.03 ±10% C0603X5R1E101K(030BA) ±20% C0603X5R1E101M(030BA) 150pF 0402 0.20±0.02 ±10% C0402X5R1C151K(020BA) ±20% C0402X5R1C151M(020BA) 0603 0.30±0.03 ±10% C0603X5R1E151K(030BA) ±20% C0603X5R1E151M(030BA) 220pF 0402 0.20±0.02 ±10% C0402X5R1C221K(020BA) ±20% C0402X5R1C221M(020BA) 0603 0.30±0.03 ±10% C0603X5R1E221K(030BA) ±20% C0603X5R1E221M(030BA) 1005 0.50±0.05 ±10% C1005X5R1H221K(050BA) ±20% C1005X5R1H221M(050BA) 330pF 0402 0.20±0.02 ±10% C0402X5R1C331K(020BA) ±20% C0402X5R1C331M(020BA) 0603 0.30±0.03 ±10% C0603X5R1E331K(030BA) ±20% C0603X5R1E331M(030BA) 1005 0.50±0.05 ±10% C1005X5R1H331K(050BA) ±20% C1005X5R1H331M(050BA) 470pF 0402 0.20±0.02 ±10% C0402X5R1C471K(020BA) ±20% C0402X5R1C471M(020BA) 0603 0.30±0.03 ±10% C0603X5R1E471K(030BA) ±20% C0603X5R1E471M(030BA) 1005 0.50±0.05 ±10% C1005X5R1H471K(050BA) ±20% C1005X5R1H471M(050BA) 680pF 0402 0.20±0.02 ±10% C0402X5R1C681K(020BA) ±20% C0402X5R1C681M(020BA) 0603 0.30±0.03 ±10% C0603X5R1E681K(030BA) ±20% C0603X5R1E681M(030BA) 1005 0.50±0.05 ±10% C1005X5R1H681K(050BA) ±20% C1005X5R1H681M(050BA) 1nF 0603 0.30±0.03 ±10% C0603X5R1E102K(030BA) ±20% C0603X5R1E102M(030BA) 1005 0.50±0.05 ±10% C1005X5R1H102K(050BA) ±20% C1005X5R1H102M(050BA) 1.5nF 0603 0.30±0.03 ±10% C0603X5R1E152K(030BA) ±20% C0603X5R1E152M(030BA) 1005 0.50±0.05 ±10% C1005X5R1H152K(050BA) ±20% C1005X5R1H152M(050BA) 2.2nF 0603 0.30±0.03 ±10% C0603X5R1E222K(030BA) ±20% C0603X5R1E222M(030BA) 1005 0.50±0.05 ±10% C1005X5R1H222K(050BA) ±20% C1005X5R1H222M(050BA) 3.3nF 0603 0.30±0.03 ±10% C0603X5R1E332K(030BA) ±20% C0603X5R1E332M(030BA) 1005 0.50±0.05 ±10% C1005X5R1H332K(050BA) ±20% C1005X5R1H332M(050BA) 4.7nF 0603 0.30±0.03 ±10% C0603X5R1C472K(030BA) ±20% C0603X5R1C472M(030BA) 1005 0.50±0.05 ±10% C1005X5R1H472K(050BA) ±20% C1005X5R1H472M(050BA) 6.8nF 1005 0.50±0.05 ±10% C1005X5R1H682K(050BA) ±20% C1005X5R1H682M(050BA) 10nF 1005 0.50±0.05 ±10% C1005X5R1H103K(050BB) ±20% C1005X5R1H103M(050BB) 1608 0.80±0.10 ±10% C1608X5R1H103K(080AA) ±20% C1608X5R1H103M(080AA) 15nF 1005 0.50±0.05 ±10% C1005X5R1H153K(050BB) ±20% C1005X5R1H153M(050BB) 1608 0.80±0.10 ±10% C1608X5R1H153K(080AA) ±20% C1608X5R1H153M(080AA) |
Similar Part No. - C4532C0G1H0R5B050A |
|
Similar Description - C4532C0G1H0R5B050A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |