Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8822C Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8822C
Description  System Power PWM Controller for Notebook Computers with Charge Pump
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8822C Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8822C Datasheet HTML 1Page - Anpec Electronics Coropration APW8822C Datasheet HTML 2Page - Anpec Electronics Coropration APW8822C Datasheet HTML 3Page - Anpec Electronics Coropration APW8822C Datasheet HTML 4Page - Anpec Electronics Coropration APW8822C Datasheet HTML 5Page - Anpec Electronics Coropration APW8822C Datasheet HTML 6Page - Anpec Electronics Coropration APW8822C Datasheet HTML 7Page - Anpec Electronics Coropration APW8822C Datasheet HTML 8Page - Anpec Electronics Coropration APW8822C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2012
APW8822/A/B/C
www.anpec.com.tw
2
General Description (Cont.)
Notebook and Sub-Notebook Computers
Portable Devices
DDR1, DDR2, and DDR3 Power Supplies
3-Cell and 4-Cell Li+ Battery-Powered Devices
Graphic Cards
Game Consoles
Telecommunications
Applications
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
The APW8822/A/B/C is equipped with accurate sourc-
ing and current-limit, output under-voltage output over-
voltage protections, being perfect for NB applications. A
1.4ms (typ.) digital soft-start can reduce the start-up
current. A soft-stop function actively discharges the
output capacitors by the discharge device. The
APW8822/A/B has individual enable controls for each
PWM channels. Pulling both EN1/2 pin low shuts down
the all of outputs unless LDO3 output. The LDO3 and
LDO5 of APW8822A/C are always on standby power.
The APW8822/A/B/C is available in a TQFN3x3-20
package.
APW8822
APW8822A
APW8822B
APW8822C
Handling Code
Temperature Range
Package Code
Package Code
QB: TQFN3x3-20
Operating Ambient Temperature Range
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Lead Free Code
L : Lead Free Device
°
Assembly Material
G : Halogen and Lead Free Device
APW8822 QB :
XXXXX - Date Code
APW8822A QB :
XXXXX - Date Code
XXXXX
APW
8822
XXXXX
APW
8822A
APW8822B QB :
XXXXX - Date Code
XXXXX
APW
8822B
APW8822C QB :
XXXXX - Date Code
XXXXX
APW
8822C
DEVICE NUMBER
ENABLE FUNCTION
SKIP MODE
ALWAYS ON-LDO
APW8822QBI
EN1/EN2
Auto-skip
LDO3
APW8822AQBI
ENLDO/ENILIM1/ENILIM2
Auto-skip
LDO3 & LDO5
APW8822BQBI
EN1/EN2
Ultra-sonic
LDO3
APW8822CQBI
EN1/EN2
Auto-skip
LDO3 & LDO5


Similar Part No. - APW8822C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8820QAI-TRG ANPEC-APW8820QAI-TRG Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8820QBI-TRG ANPEC-APW8820QBI-TRG Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8821 ANPEC-APW8821 Datasheet
447Kb / 24P
   Notebook PWM Controller with Differential Voltage Feedback
APW8821QBI-TRL ANPEC-APW8821QBI-TRL Datasheet
447Kb / 24P
   Notebook PWM Controller with Differential Voltage Feedback
More results

Similar Description - APW8822C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com