Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8822CQBI Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW8822CQBI
Description  System Power PWM Controller for Notebook Computers with Charge Pump
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8822CQBI Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW8822CQBI Datasheet HTML 1Page - Anpec Electronics Coropration APW8822CQBI Datasheet HTML 2Page - Anpec Electronics Coropration APW8822CQBI Datasheet HTML 3Page - Anpec Electronics Coropration APW8822CQBI Datasheet HTML 4Page - Anpec Electronics Coropration APW8822CQBI Datasheet HTML 5Page - Anpec Electronics Coropration APW8822CQBI Datasheet HTML 6Page - Anpec Electronics Coropration APW8822CQBI Datasheet HTML 7Page - Anpec Electronics Coropration APW8822CQBI Datasheet HTML 8Page - Anpec Electronics Coropration APW8822CQBI Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2012
APW8822/A/B/C
www.anpec.com.tw
4
Thermal Characteristics (Note 2)
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance - Junction to Ambient
95
θ
JC
Thermal Resistance - Junction to Case
60
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The thermal pad
of package is soldered directly on the PCB.
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VIN
PWM1/2 Converter Input Voltage
6 ~ 25
V
VOUT1
PWM1 Converter Output Voltage
2 ~ 5.5
V
VOUT2
PWM2 Converter Output Voltage
2 ~ 5.5
V
CIN
PWM1/2 Converter Input Capacitor (MLCC)
10 ~
µF
CLDO
LDO Output Capacitor (MLCC)
1.0 ~
µF
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Electrical Characteristics
APW8822
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
INPUT SUPPLY POWER
Supply current1, VOUT1=0V,
EN1=EN2=5V, VFB1 = VFB2 = 2.05V
-
0.86
1.2
mA
Supply current2, VOUT1=5V,
EN1=EN2=5V, VFB1 = VFB2 = 2.05V,
PVIN+PLDO5
-
5
7
mW
Standby current1, VOUT1=0V,
EN1=EN2=0V (For APW8822/B)
-
-
80
Standby current2, VOUT1=0V,
EN1=EN2=0V
(For APW8822A/C)
-
180
245
IVN
VIN Supply Current
Shutdown current, ENLDO=0V,
ENILIMx=0V (For APW8822A)
-
20
40
µA
UNDER-VOLTAGE LOCK OUT PROTECTION (UVLO)
Rising Edge
4.1
4.2
4.3
V
LDO5 UVLO threshold
Hysteresis
-
0.1
-
V
Rising Edge
3.0
3.15
3.3
V
LDO3 UVLO threshold
Hysteresis
-
0.8
-
V
Refer to the typical application circuits. These specifications apply over V
IN=12V and TA= -40 ~ 85 °C, unless otherwise
specified. Typical values are at T
A=25°C.


Similar Part No. - APW8822CQBI

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8820QAI-TRG ANPEC-APW8820QAI-TRG Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8820QBI-TRG ANPEC-APW8820QBI-TRG Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8821 ANPEC-APW8821 Datasheet
447Kb / 24P
   Notebook PWM Controller with Differential Voltage Feedback
APW8821QBI-TRL ANPEC-APW8821QBI-TRL Datasheet
447Kb / 24P
   Notebook PWM Controller with Differential Voltage Feedback
More results

Similar Description - APW8822CQBI

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com