Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKG57NX7R1C336M Datasheet(PDF) 3 Page - TDK Electronics

Part # CKG57NX7R1C336M
Description  Multilayer Ceramic Chip Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKG57NX7R1C336M Datasheet(HTML) 3 Page - TDK Electronics

  CKG57NX7R1C336M Datasheet HTML 1Page - TDK Electronics CKG57NX7R1C336M Datasheet HTML 2Page - TDK Electronics CKG57NX7R1C336M Datasheet HTML 3Page - TDK Electronics CKG57NX7R1C336M Datasheet HTML 4Page - TDK Electronics CKG57NX7R1C336M Datasheet HTML 5Page - TDK Electronics CKG57NX7R1C336M Datasheet HTML 6Page - TDK Electronics CKG57NX7R1C336M Datasheet HTML 7Page - TDK Electronics CKG57NX7R1C336M Datasheet HTML 8Page - TDK Electronics CKG57NX7R1C336M Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(2/8)
001-03 / 20070926 / e415_ckg.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
2-chip Piled Multilayer Ceramic Capacitors
CKG Series CKG32K Type
FEATURES
• No polarity.
• Twice the capacitance is obtainable on a single capacitor space.
• Unique construction provides high reliablity.
• The metal caps absorbs stress from thermal and mechanical
shocks, ensuring excellent performance on aluminum circuit
substrates.
• Low ESR and ESL promises excellent characteristics for high
frequency switching power supply.
APPLICATIONS
Smoothing circuits, temperature variable applications,
Maintenance free power supplies, DC to DC converters, automo-
tive applications.
CASE SIZE
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: X7R(±15%)
RATED VOLTAGE Edc: 630V
RATED VOLTAGE Edc: 250V
RATED VOLTAGE Edc: 100V
RATED VOLTAGE Edc: 50V
RATED VOLTAGE Edc: 25V
Conformity to RoHS Directive
3.8max.
Dimensions in mm
Capacitance
(pF)
Tolerance
Thickness T
(mm)
Part No.
Temperature characteristics: X7R
47,000
±20%
3.45max.
CKG32KX7R2J473M
Capacitance
(pF)
Tolerance
Thickness T
(mm)
Part No.
Temperature characteristics: X7R
100,000
±20%
3.45max.
CKG32KX7R2E104M
220,000
±20%
3.45max.
CKG32KX7R2E224M
Capacitance
(pF)
Tolerance
Thickness T
(mm)
Part No.
Temperature characteristics: X7R
470,000
±20%
3.45max.
CKG32KX7R2A474M
1,000,000
±20%
3.45max.
CKG32KX7R2A105M
Capacitance
(pF)
Tolerance
Thickness T
(mm)
Part No.
Temperature characteristics: X7R
1,000,000
±20%
3.45max.
CKG32KX7R1H105M
Capacitance
(pF)
Tolerance
Thickness T
(mm)
Part No.
Temperature characteristics: X7R
4,700,000
±20%
3.45max.
CKG32KX7R1E475M
10,000,000
±20%
3.45max.
CKG32KX7R1E106M
• For more information about the products of other capacitance or data, please contact us.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - CKG57NX7R1C336M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKG57NX7R1C336M500JH TDK-CKG57NX7R1C336M500JH Datasheet
139Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKG57NX7R1C336M500JJ TDK-CKG57NX7R1C336M500JJ Datasheet
139Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKG57NX7R1C336M

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com