Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2010B Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA2010B
Description  3W Mono Class-D Audio Power Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2010B Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2010B Datasheet HTML 1Page - Anpec Electronics Coropration APA2010B Datasheet HTML 2Page - Anpec Electronics Coropration APA2010B Datasheet HTML 3Page - Anpec Electronics Coropration APA2010B Datasheet HTML 4Page - Anpec Electronics Coropration APA2010B Datasheet HTML 5Page - Anpec Electronics Coropration APA2010B Datasheet HTML 6Page - Anpec Electronics Coropration APA2010B Datasheet HTML 7Page - Anpec Electronics Coropration APA2010B Datasheet HTML 8Page - Anpec Electronics Coropration APA2010B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2011
www.anpec.com.tw
4
APA2010B
Electrical Characteristics (Cont.)
VDD=5V, GND=0V, TA= 25
οC (unless otherwise noted)
APA2010B
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD=3.6V, TA=25°
C
RL = 4
(WLCSP1.5X1.5-9A)
-
1.2
-
RL = 4
-
1.1
-
THD+N = 1%,
fin = 1kHz
RL = 8
-
0.6
-
RL = 4
(WLCSP1.5X1.5-9A)
-
1.5
-
RL = 4
-
1.35
-
PO
Output Power
THD+N = 10%,
fin = 1kHz
RL = 8
-
0.8
-
W
RL = 4
PO = 0.82W,
-
0.35
-
THD+N
Total Harmonic Distortion Pulse
Noise
fin = 1kHz
RL = 8
PO= 0.45W
-
0.1
-
%
PSRR
Power Supply Rejection Ratio
RL = 8
Ω, f
in = 217Hz
-
75
-
dB
VOS
Output Offset Voltage
RL = 8
-
-
25
mV
S/N
With A-weighting Filter
PO= 0.43W, RL = 8
Ω,
-
85
-
dB
Vn
Noise Output Voltage
With A-weighting Filter
-
105
-
µV
(rms)
VDD=2.5V, TA=25°
C
RL = 4
-
0.45
-
THD+N = 1%,
fin = 1kHz
RL = 8
-
0.3
-
RL = 4
-
0.55
-
PO
Output Power
THD+N =10%,
fin = 1kHz
RL = 8
-
0.35
-
W
PO = 0.34W, RL = 4
-
0.35
-
THD+N
Total Harmonic Distortion
Pulse Noise
fin = 1kHz
PO = 0.22W, RL = 8
-
0.2
-
%
PSRR
Power Supply Rejection Ratio
RL = 8
Ω, f
in = 217Hz
-
70
-
dB
VOS
Output Offset Voltage
RL = 8
-
-
25
mV
S/N
With A-weighting Filter
PO = 0.2W, RL = 8
-
83
-
dB
Vn
Noise Output Voltage
With A-weighting Filter
-
120
-
µV
(rms)


Similar Part No. - APA2010B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
APA2011HAI-TRG ANPEC-APA2011HAI-TRG Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
APA2011QBI-TRG ANPEC-APA2011QBI-TRG Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
   3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
293Kb / 19P
   3W Mono Class-D Audio Power Amplifier
More results

Similar Description - APA2010B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
   3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
   3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
   3W MONO CLASS D AUDIO AMPLIFIER
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
logo
Integrated Silicon Solu...
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Monolithic Power System...
MP1740 MPS-MP1740 Datasheet
311Kb / 11P
   3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
logo
Integrated Silicon Solu...
IS31AP2010B-UTLS2-TR ISSI-IS31AP2010B-UTLS2-TR Datasheet
366Kb / 13P
   3W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com