Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTG1205 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KTG1205
Description  specification for approval
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KTG1205 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KTG1205 Datasheet HTML 1Page - List of Unclassifed Manufacturers KTG1205 Datasheet HTML 2Page - List of Unclassifed Manufacturers KTG1205 Datasheet HTML 3Page - List of Unclassifed Manufacturers KTG1205 Datasheet HTML 4Page - List of Unclassifed Manufacturers KTG1205 Datasheet HTML 5Page - List of Unclassifed Manufacturers KTG1205 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP 2/6
KTG1205
A. SCOPE 範疇
This specification applies magnetic buzzer, KTG1205
此規格書適用於電磁式蜂鳴器, KTG1205
B. SPECIFICATION 規格
No.
Item
Unit
Specification
Condition
1
Rated Voltage
額定電壓
Vo-p
5.0
2
Operating Volt.
操作電壓
Vo-p
3.0 ~ 8.0
Vo-p
0V
3
Mean Current
平均耗電流
mA
Max. 40
Applying rated voltage,2400Hz square wave,
1/2duty
施以額定電壓 2400Hz,方波,50%負載
4
Coil Resistance
直流阻抗
Ω
45.0 ± 6.7
5
Sound Output
輸出音壓
dBA
Min.87
(Typical 92)
Distance at 10cm(A-weight). Applying rated
voltage 2400Hz,square wave, 1/2duty
在自由音場 10 公分處,施以額定電壓 2400Hz,方波
50%負載
6
Rated Frequency
額定頻率
Hz
2400
7
Operating Temp.
操作溫度
-30 ~ +85
8
Storage Temp.
儲存溫度
-40 ~ +85
9
Dimension
尺寸
mm
L12.8 x W12.8 x H7.1
See attached drawing.
請參照外觀尺寸圖
10
Weight
重量
gram
2.0
11
Material
材質
PPS (S-206)
12
Terminal
端子
SMD type
(鍍全錫/Plating Sn)
See attached drawing.
請參照外觀尺寸圖
13
Environmental
Protection Regulation
環保法規
RoHS
14
Storage life
保存期限
month
6
6 months preservation at room temp.(25±3℃),
Humidity40%
在室溫下 25±3℃,濕度 40%以下可保存 6 個月.
C. TYPICAL FREQUENCY RESPONSE CURVE
頻率響應曲線
20K
2K
Hz
200
100
90
80
dB
70
60
50
20


Similar Part No. - KTG1205

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KTG MSYSTEM-KTG Datasheet
93Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KTG-11-B MSYSTEM-KTG-11-B Datasheet
93Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KTG-11-B/Q MSYSTEM-KTG-11-B/Q Datasheet
93Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KTG-11-C MSYSTEM-KTG-11-C Datasheet
93Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KTG-11-C/Q MSYSTEM-KTG-11-C/Q Datasheet
93Kb / 3P
   Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KTG1205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com