Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECL15UD01 Datasheet(PDF) 5 Page - XP Power Limited

Part # ECL15UD01
Description  530 Watts ECL Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECL15UD01 Datasheet(HTML) 5 Page - XP Power Limited

  ECL15UD01 Datasheet HTML 1Page - XP Power Limited ECL15UD01 Datasheet HTML 2Page - XP Power Limited ECL15UD01 Datasheet HTML 3Page - XP Power Limited ECL15UD01 Datasheet HTML 4Page - XP Power Limited ECL15UD01 Datasheet HTML 5Page - XP Power Limited ECL15UD01 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ECL25
V Adj.
3.46 (87.9)
3.20 (81.3)
4- 0.15 (3.81)
0.13
(3.3)
0.88
(22.4) MAX
1.00
(25.4)
0.13
(3.3)
1.10
(27.9)
1.36
(34.6)
-Vo
+Vo
ACN
ACL
3.01
(76.4)
4x ø0.14
(4x ø3.5)
1.57
(40.0)
0.84
(21.3)
0.44
(11.2)
ACN
ACL
-Vo
+Vo
1.20
(30.5)
3.43 (87.0)
TOP VIEW
1.12
(28.5)
0.39 (10.0)
0.27
(6.8)
0.10
(2.5)
3.78 (96.0)
Optional
DIN clip
0.15
(3.8)
1.36
(34.6)
1.18
(30.0)
0.17
(4.4)
ø0.07 (ø 1.8)
ø0.04 (ø1.0)
0.88
(22.3) MAX
0.09
(2.3)
0.59
(15.0)
0.05
(1.4)
2.85
(72.4)
2.96
(75.2)
0.09
(2.3)
-Vo
+Vo
ACN
ACL
1.10
(27.9)
0.39 (10.0)
4x ø 0.04 (ø1.0)
1.50
(38.1)
0.59
(15.0)
1.18
(30.0)
0.16
(4.1)
2.85
(72.4)
0.13 (3.2)
3.10
(78.7)
-Vo
+Vo
ACL
ACN
TOP VIEW
V Adj.
Mechanical Details
Models and Ratings
Notes
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output
power not to exceed nominal.
2. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’
for chassis mount, add ‘-E’ for encapsulated, add ‘-S’ for screw terminals.
3. A screw terminal version (-S) is available with DIN clip attached, add suffix ‘D’,
e.g. ECL25US24-SD, DIN rail mounting kit is available as a separate item, order
code ECL25/30 DIN CLIP.
1. All dimensions in inches (mm).
2. Weight: ECL25: P Version: 0.14 lbs (66 g)
T Version: 0.14 lbs (66 g)
E Version: 0.33 lbs (150 g)
S Version: 0.37 lbs (170 g)
3. Tolerances: x.xx = ± 0.02 (x.x = ± 0.5)
x.xxx = ± 0.01 (x.xx = ± 0.25)
Mating Connectors (-T version only)
Input Connector: JST XHP-3
Output Connector: JST XHP-6
Crimps: SXH-002T-P0.6
Cable harness with 300 mm wire available, order part no. ECL25 LOOM KIT
Notes
Open Frame
PCB Mount (P)
Open Frame
Chassis Mount (T)
Encapsulated (E)
Screw Terminal (S)
Output
Power
Output
Voltage
Output Current
Efficiency
Model Number(2,3)
Nominal
Peak(1)
20 W
3.3 VDC
6.00 A
7.80 A
75%
ECL25US03†^
25 W
5.0 VDC
5.00 A
6.50 A
78%
ECL25US05†^
25 W
9.0 VDC
2.80 A
3.64 A
80%
ECL25US09†^
25 W
12.0 VDC
2.10 A
2.73 A
80%
ECL25US12†^
25 W
15.0 VDC
1.67 A
2.17 A
80%
ECL25US15†^
25 W
24.0 VDC
1.04 A
1.35 A
82%
ECL25US24†^
25 W
48.0 VDC
0.52 A
0.68 A
82%
ECL25US48†^
Available from Farnell & element14.
^ Available from Newark. .


Similar Part No. - ECL15UD01

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL15UD01 XPPOWER-ECL15UD01 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL15UD01 XPPOWER-ECL15UD01 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL15UD01 XPPOWER-ECL15UD01 Datasheet
1Mb / 6P
   5-30 Watts ECL Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com