Selected language     English  â–¼


U-79 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. U-79
Description  AUDIO
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 2 page
background image
7
7
5 & 6 Contact
Materials &
Finish
Diallyl phthalate per MIL-M-14F, Type MDG.
Stainless steel, passivated, sand-blasted.
Stainless steel, passivated, sand-blasted.
Copper alloy, .000030 gold per MIL-G-45204, Type I, Class 0 over
.001 nickel.
Dielectric Strength—500 V RMS.
Insulation Resistance—1000 Megohms, Min.
Contact Resistance (mated)—0.050 Ohms, Max.
Air Pressure—2.5 psi.
Immersion—48 hrs. at 6 ft.
Durability—3000 cycles, mate and unmate.
Specifications
Insulators
Electrical
Contacts
Panel Nuts
10 Contact
Materials &
Finish
Stainless steel, passivated, sand-blasted.
Stainless steel, black passivated.
Aluminum, black oxide.
Stainless steel, passivated, sand-blasted.
Copper alloy, .000030 gold.
Diallyl phthalate per MIL-M-14F, Type MDG.
Specifications
Dielectric Strength—500 V RMS.
Insulation Resistance—1000 Megohms, Min.
Contact Resistance (mated)—0.015 Ohms, Max.
Air Pressure—2.5 psi.
Immersion—48 hrs. at 6 ft.
Durability—3000 cycles, mate and unmate.
Mechanical
Plug Shells
Plug Rear Housing
Panel Nuts
Contacts
Insulators
Electrical
Mechanical
Receptacle Shells
Shells




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl