Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2057A Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APA2057A
Description  2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2057A Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APA2057A Datasheet HTML 6Page - Anpec Electronics Coropration APA2057A Datasheet HTML 7Page - Anpec Electronics Coropration APA2057A Datasheet HTML 8Page - Anpec Electronics Coropration APA2057A Datasheet HTML 9Page - Anpec Electronics Coropration APA2057A Datasheet HTML 10Page - Anpec Electronics Coropration APA2057A Datasheet HTML 11Page - Anpec Electronics Coropration APA2057A Datasheet HTML 12Page - Anpec Electronics Coropration APA2057A Datasheet HTML 13Page - Anpec Electronics Coropration APA2057A Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2009
www.anpec.com.tw
10
APA2057A
Frequency (Hz)
Frequency (Hz)
AMP Attenuation vs. Frequency
Frequency (Hz)
Frequency (Hz)
AMP Attenuation vs. Frequency
Shutdown Attenuation vs. Frequency
Shutdown Attenuation vs. Frequency
Input Voltage (Vrms)
Input Voltage vs. Output Voltage
Input Voltage vs. Output Voltage
Input Voltage (Vrms)
Typical Operating Characteristics (Cont.)
3.5
0.5
1
1.5
2
2.5
3
0
1.5
0.3
0.6
0.9
1.2
V
DD =5V
R
L=4Ω
C
in=2.2µF
f
in=1kHz
AMP mode
0
4
0.5
1
1.5
2
2.5
3
3.5
1.5
0.3
0.6
0.9
1.2
V
DD =5V
R
L=8Ω
C
in=2.2µF
f
in=1kHz
AMP mode
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
V
DD =5V
R
L=4Ω
C
in=2.2µF
V
O=2Vrms(fin=1kHz, AMP enable)
AMP mode (disable)
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
V
DD =5V
R
L=8Ω
C
in=2.2µF
V
O=2Vrms(fin=1kHz,AMP enable)
AMP mode (disable)
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
V
DD =5V
R
L=4Ω
C
in=2.2µF
V
O=1Vrms(fin=1kHz)
Shutdown active
AMP mode
-120
-110
-100
20
20k
100
1k
10k
V
DD =5V
R
L=8Ω
C
in=2.2µF
V
O=1Vrms(fin=1kHz)
Shutdown active
AMP mode
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10


Similar Part No. - APA2057A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2057A ANPEC-APA2057A Datasheet
894Kb / 31P
   2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
APA2057AQBI-TRL ANPEC-APA2057AQBI-TRL Datasheet
894Kb / 31P
   2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
APA2057ARI-TRL ANPEC-APA2057ARI-TRL Datasheet
894Kb / 31P
   2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
More results

Similar Description - APA2057A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2051 ANPEC-APA2051 Datasheet
793Kb / 32P
   2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
APA2057A ANPEC-APA2057A Datasheet
894Kb / 31P
   2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
logo
Intersil Corporation
ISL99202 INTERSIL-ISL99202 Datasheet
558Kb / 11P
   60mW, Capfree, Stereo Headphone Amplifier
logo
Renesas Technology Corp
ISL99202 RENESAS-ISL99202 Datasheet
848Kb / 11P
   60mW, Capfree, Stereo Headphone Amplifier
logo
Anpec Electronics Corop...
APA2058 ANPEC-APA2058_10 Datasheet
602Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO
logo
Wuxi Youda electronics ...
YD2025H YOUDA-YD2025H Datasheet
150Kb / 4P
   2.4W STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
CM8602B ETC2-CM8602B Datasheet
231Kb / 4P
   2.4W Audio Amplifier Stereo
logo
Fairchild Semiconductor
FAN7031 FAIRCHILD-FAN7031 Datasheet
475Kb / 20P
   2W Stereo Power Amplifier with Four Selectable Gain Setting and Headphone Drive
logo
Anpec Electronics Corop...
APA2058 ANPEC-APA2058 Datasheet
591Kb / 28P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO
logo
Elite Semiconductor Mem...
AD82550A ESMT-AD82550A Datasheet
186Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com