Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP1N50E Datasheet(PDF) 6 Page - Motorola, Inc

Part # MTP1N50E
Description  TMOS POWER FET 1.0 AMPERES 500 VOLTS RDS(on) = 5.0 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP1N50E Datasheet(HTML) 6 Page - Motorola, Inc

  MTP1N50E Datasheet HTML 1Page - Motorola, Inc MTP1N50E Datasheet HTML 2Page - Motorola, Inc MTP1N50E Datasheet HTML 3Page - Motorola, Inc MTP1N50E Datasheet HTML 4Page - Motorola, Inc MTP1N50E Datasheet HTML 5Page - Motorola, Inc MTP1N50E Datasheet HTML 6Page - Motorola, Inc MTP1N50E Datasheet HTML 7Page - Motorola, Inc MTP1N50E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MTP1N50E
6
Motorola TMOS Power MOSFET Transistor Device Data
SAFE OPERATING AREA
1.0E–05
1.0E–04
1.0E–02
0.1
1.0
0.01
1.0E–03
1.0E–01
1.0E+00
1.0E+01
0.2
0.05
0.01
SINGLE PULSE
0.02
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
0.1
1000
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
10
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.01
0
25
50
75
100
125
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
50
30
20
10
ID = 1 A
40
1.0
1.0
100
150
t,TIME (ms)
Figure 13. Thermal Response
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
10 ms
1 ms
dc
100
µs
10
µs
0.1
D = 0.5


Similar Part No. - MTP1N50E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP1N50E ONSEMI-MTP1N50E Datasheet
78Kb / 8P
   N?묬hannel TO??20 Power MOSFET
August, 2004 ??Rev. XXX
More results

Similar Description - MTP1N50E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD5N25E MOTOROLA-MTD5N25E Datasheet
252Kb / 10P
   TMOS POWER FET 5.0 AMPERES 250 VOLTS RDS(on) = 1.0 OHM
MTP5N40E MOTOROLA-MTP5N40E Datasheet
258Kb / 8P
   TMOS POWER FET 5.0 AMPERES 400 VOLTS RDS(on) = 1.0 OHM
MTD1N50E MOTOROLA-MTD1N50E Datasheet
267Kb / 10P
   TMOS POWER FET 1.0 AMPERE 500 VOLTS RDS(on) = 5.0 OHM
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
   TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTP3N120E MOTOROLA-MTP3N120E Datasheet
252Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS RDS(on) = 5.0 OHM
MTP1N60E MOTOROLA-MTP1N60E Datasheet
232Kb / 8P
   TMOS POWER FET 1.0 AMPERES 600 VOLTS RDS(on) = 8.0 OHM
MTW7N80E MOTOROLA-MTW7N80E Datasheet
220Kb / 8P
   TMOS POWER FET 7.0 AMPERES 800 VOLTS RDS(on) = 1.0 OHM
MTD1N80E MOTOROLA-MTD1N80E Datasheet
269Kb / 10P
   TMOS POWER FET 1.0 AMPERES 800 VOLTS RDS(on) = 12 OHM
MTP1N100E MOTOROLA-MTP1N100E Datasheet
203Kb / 8P
   TMOS POWER FET 1.0 AMPERES 1000 VOLTS RDS(on) = 9.0 OHM
MTP6P20E MOTOROLA-MTP6P20E Datasheet
216Kb / 8P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 1.0 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com