Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1569A Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1569A
Description  5-bit DAC, Synchronous PWM Power Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1569A Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1569A Datasheet HTML 1Page - Analog Intergrations Corporation AIC1569A Datasheet HTML 2Page - Analog Intergrations Corporation AIC1569A Datasheet HTML 3Page - Analog Intergrations Corporation AIC1569A Datasheet HTML 4Page - Analog Intergrations Corporation AIC1569A Datasheet HTML 5Page - Analog Intergrations Corporation AIC1569A Datasheet HTML 6Page - Analog Intergrations Corporation AIC1569A Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AIC1569A
5
BLOCK DIAGRAM
VCC
GND
LGATE
PGND
RT
BOOT
UGATE
PHASE
OCSET
OVP
PGOOD
VCC
CONTROL
LOGIC
IOCS
200
µA
OVER
CURRENT
VID0
VID1
VID2
VID3
VID4
VSEN
SOFT
START
10
µA
4V
FB
OVP
POWER-ON
RESET
50%
POWER GOOD
SS
90%
110%
115%
ERROR AMP
OSCILLATOR
COMPARATOR
PWM
REFERENCE
COMP
5-BITS DAC
+
+
+
+
+
+
+
VDAC
PIN DESCRIPTIONS
PIN 1: VSEN - Converter output voltage sense
pin. Connect this pin to the
converter output. The PGOOD
and OVP comparator circuits use
this signal to report output voltage
status and perform overvoltage
protection function.
PIN 2:OCSET - Current limit sense pin. Connect a
resistor ROCSET from this pin to the
drain of the external MOSFET.
ROCSET, an internal 200
µA current
source (IOCS), and the external
MOSFET on-resistance (RDS(ON))
jointly set the over current
trip
point according to the following
equation:
I
IR
R
PEAK
OCS
OCSET
DS ON
=
×
()
If FB pin voltage is sensed to be
below 50% of the internal voltage
reference VDAC, the over current
comparator cycles the soft-start
function.
PIN 3:SS
- Soft start pin. Connect a capacitor
from this pin to ground. An internal
10
µA current source provides soft
start function for the converter.


Similar Part No. - AIC1569A

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1562 AIC-AIC1562 Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
AIC1562CN AIC-AIC1562CN Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
AIC1562CS AIC-AIC1562CS Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
AIC1563 AIC-AIC1563 Datasheet
309Kb / 10P
   Versatile DC/DC Converter
AIC1563CN AIC-AIC1563CN Datasheet
309Kb / 10P
   Versatile DC/DC Converter
More results

Similar Description - AIC1569A

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
   5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
logo
Silicon Standard Corp.
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
   5-bit DAC, Synchronous PWM Power Controller
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Analog Intergrations Co...
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
   5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
   5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1568 AIC-AIC1568 Datasheet
252Kb / 7P
   4-bit DAC, Simple PWM Power Regulator
logo
Silicon Standard Corp.
SS6570 SSC-SS6570 Datasheet
697Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
logo
Analog Intergrations Co...
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
   4-bit DAC, Simple PWM Power Regulator With Linear Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com