Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2068KAI-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA2068KAI-TRG
Description  Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2068KAI-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2068KAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APA2068KAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APA2068KAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APA2068KAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APA2068KAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA2068KAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA2068KAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA2068KAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA2068KAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - May., 2012
APA2068
www.anpec.com.tw
4
PIN
NO.
NAME
I/O
FUNCTION
1
MUTE
I
Mute control signal input, hold low for normal operation, hold high to mute.
2
SHUTDOWN
I
It will be into shutdown mode when pull low. ISD = 1
µA
3
RIN-
I
Right channel input terminal
4
BYPASS
I
Bias voltage generator
5,12
GND
-
Ground connection, Connected to thermal pad.
6
LIN-
I
Left channel input terminal
7
VOLUME
I
Input signal for internal volume gain setting.
8
VOLMAX
I
Setting the maximum output swing. Input a non-zero voltage (VC) to this pin, the
output voltage swing will be clamped between VOH (the maximum positive value) -
VC & VOL (the minimum negative value) + VC. Disable this function when tie this pin
to GND. Maximum input voltage
≤ 1/2 V
DD.
9
LOUT-
O
Left channel negative output in BTL mode and high impedance in SE mode.
10,15
VDD
-
Supply voltage
11
LOUT+
O
Left channel positive output in BTL mode and SE mode.
13
SE/BTL
I
Output mode control input, high for SE output mode and low for BTL mode.
14
ROUT+
O
Right channel positive output in BTL mode and SE mode.
16
ROUT-
O
Right channel negative output in BTL mode and high impedance in SE mode.
Pin Description
SHUTDOWN
MUTE
SE/BTL
Operating Mode
L
X
X
Shutdown mode
H
L
L
BTL out
H
L
H
SE out
H
H
X
Mute
Control Input Table
APA2068
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PO = 125mW, RL = 16
Ω, f
in = 1kHz
-
0.09
-
THD+N
Total Harmonic Distortion Plus Noise
PO = 65mW, RL = 32
Ω, f
in = 1kHz
-
0.09
-
%
PSRR
Power Ripple Rejection Ratio
VIN = 0.1Vrms, RL = 8
Ω, C
B = 1
µF, f
in = 120Hz
-
60
-
dB
Crosstalk Channel Separation
CB = 1
µF, R
L = 32
Ω, f
in = 1kHz
-
60
-
dB
S/N
Signal to Noise Ratio
PO = 75mW, SE, RL = 32
Ω, A_Weighting
-
100
-
dB
Electrical Characteristics (Cont.)
Operating Characteristics, SE mode. V
DD = 5V,TA = 25°C, Gain = 1V/V (unless otherwise noted)


Similar Part No. - APA2068KAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2068KAI-TR ANPEC-APA2068KAI-TR Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2068KAI-TRL ANPEC-APA2068KAI-TRL Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results

Similar Description - APA2068KAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2065 ANPEC-APA2065 Datasheet
451Kb / 25P
   Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com