Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5-104693-6 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 5-104693-6
Description  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104693-6 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 5-104693-6 Datasheet HTML 7Page - Tyco Electronics 5-104693-6 Datasheet HTML 8Page - Tyco Electronics 5-104693-6 Datasheet HTML 9Page - Tyco Electronics 5-104693-6 Datasheet HTML 10Page - Tyco Electronics 5-104693-6 Datasheet HTML 11Page - Tyco Electronics 5-104693-6 Datasheet HTML 12Page - Tyco Electronics 5-104693-6 Datasheet HTML 13Page - Tyco Electronics 5-104693-6 Datasheet HTML 14Page - Tyco Electronics 5-104693-6 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 321 page
background image
11
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
1
PC/104-Plus, Solder
Note: All part numbers are RoHS
compliant.
Non-Stackthrough, 2 Standoffs
Part No. 1375965-4 (unkeyed)
Part No. 1375965-5 (keyed-A1)
per PC/104-Plus specification
Part No. 1375965-6 (keyed-D30)
per PC/104-Plus specification
.315
[8.00]
.015
[0.39]
2.37
[60.30]
Plugged
Circuit
(-6 only)
Plugged
Circuit
(-5 only)
Typ.
.079
[2.00]
.112
±.013
[2.85
±0.34]
.600
[15.24]
Typ.
Typ.
.368
[9.35]
Typ.
0.79
[2.00]
Recommended PC Board Layout for 1375965-5
Recommended PC Board Layout for 1375965-6
.236
[6.00]
2.28
[58.0]
.035
±.003
[0.88
±0.08]
Dia.
120 Plcs.
Plated Through Hole
Recommended PC Board Layout
for 1375967-4
.236
[6.00]
2.28
[58.0]
.035±.003
[0.88±0.08]
Dia.
119 Plcs.
Plated Through Hole
Recommended PC Board Layout
for 1375967-5
.236
[6.00]
2.28
[58.0]
.035±.003
[0.88±0.08]
Dia.
119 Plcs.
Plated Through Hole
Recommended PC Board Layout
for 1375967-6
Non-Stackthrough, No Standoffs
Part No. 1375967-4 (unkeyed)
Part No. 1375967-5 (keyed-A1)
per PC/104-Plus specification
Part No. 1375967-6 (keyed-D30)
per PC/104-Plus specification
Typ.
.079
[2.00]
.368
[9.35]
.112
±.013
[2.85
±0.34]
Typ.
Typ.
.079
[2.00]
2.37
[60.30]
.315
[8.00]
Plugged
Circuit
(-6 only)
Plugged
Circuit
(-5 only)
.015
[0.39]
.035±.003
[0.88±0.08]
Dia.
119 Plcs.
Plated Through Hole
.035±.003
[0.88±0.08]
Dia.
119 Plcs.
Plated Through Hole
Recommended PC Board Layout for 1375965-4
Material and Finish
Housing — Glass filled thermoplastic,
Black, 94V-0 rated
Contacts
Non-Stackthrough — Phosphor Bronze;
plated .000015 [0.00038] min. Gold on
mating receptacle end, .000100 [0.00254]
matte tin on remainder, all over .000050
[0.00127] Nickel
Screwlocks — Steel, Clear Chromate
over Zinc


Similar Part No. - 5-104693-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104693-6 MACOM-5-104693-6 Datasheet
240Kb / 1P
   HEADER ASSEMBLY, SURFACE MOUNT, AMPMODU 50/50 GRID
5-104693-6 MACOM-5-104693-6 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 5-104693-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com