Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6146 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6146
Description  Low Voltage OR-ing FET Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6146 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6146 Datasheet HTML 5Page - Intersil Corporation ISL6146 Datasheet HTML 6Page - Intersil Corporation ISL6146 Datasheet HTML 7Page - Intersil Corporation ISL6146 Datasheet HTML 8Page - Intersil Corporation ISL6146 Datasheet HTML 9Page - Intersil Corporation ISL6146 Datasheet HTML 10Page - Intersil Corporation ISL6146 Datasheet HTML 11Page - Intersil Corporation ISL6146 Datasheet HTML 12Page - Intersil Corporation ISL6146 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ISL6146
9
FN7667.4
April 26, 2013
Typical Performance Curves
FIGURE 3. ISL6146A/B/D/E BIAS AND ISL6146C VIN CURRENT vs
TEMPERATURE
FIGURE 4. ISL6146A/B/C/D/E VIN AND VOUT CURRENT vs
TEMPERATURE
FIGURE 5. GATE VOLTAGE vs TEMPERATURE
FIGURE 6. POR Vth RISING AND FALLING VOLTAGE
FIGURE 7. ISL6146A/D EN Vth vs TEMPERATURE
FIGURE 8. ISL6146B/E EN Vth vs TEMPERATURE
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40
25
85
125
TEMPERATURE (°C)
18V DISABLED
12V DISABLED
3V DISABLED
18V ENABLED
12V ENABLED
3V ENABLED
TEMPERATURE (°C)
40
35
30
25
20
15
10
-40
25
85
125
18V DISABLED
12V DISABLED
3V DISABLED
VOUT CURRENT
VIN CURRENT
3V ENABLED
18V ENABLED
12V ENABLED
0
5
10
15
20
25
30
35
-40
25
85
125
TEMPERATURE (°C)
BIAS = 3V
BIAS = 12V
BIAS = 18V
TEMPERATURE (°C)
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
-40
25
85
125
POR Vth FALLING
POR Vth RISING
0.40
0.45
0.50
0.55
0.60
0.65
0.70
-40
25
85
125
TEMPERATURE (°C)
EN ASSERT RISING Vth
EN DEASSERT FALLING Vth
TEMPERATURE (°C)
0.54
0.56
0.58
0.60
0.62
0.64
0.66
0.68
0.70
0.72
0.74
-40
25
85
125
EN DEASSERT RISING Vth
EN ASSERT FALLING Vth


Similar Part No. - ISL6146

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146 INTERSIL-ISL6146 Datasheet
1Mb / 23P
   Low Voltage ORing FET Controller
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146 INTERSIL-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
ISL6146A INTERSIL-ISL6146A Datasheet
1Mb / 23P
   Low Voltage ORing FET Controller
logo
Renesas Technology Corp
ISL6146A RENESAS-ISL6146A Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
More results

Similar Description - ISL6146

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Texas Instruments
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
[Old version datasheet]   High Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com