Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3220EBET-L Datasheet(PDF) 9 Page - Exar Corporation

Part # SP3220EBET-L
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3220EBET-L Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP3220EBET-L Datasheet HTML 5Page - Exar Corporation SP3220EBET-L Datasheet HTML 6Page - Exar Corporation SP3220EBET-L Datasheet HTML 7Page - Exar Corporation SP3220EBET-L Datasheet HTML 8Page - Exar Corporation SP3220EBET-L Datasheet HTML 9Page - Exar Corporation SP3220EBET-L Datasheet HTML 10Page - Exar Corporation SP3220EBET-L Datasheet HTML 11Page - Exar Corporation SP3220EBET-L Datasheet HTML 12Page - Exar Corporation SP3220EBET-L Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_101_060311
9
The
SP3220E/EB/EU devices meet the
EIA/TIA-232 and ITU-T V.28/V.24 commu-
nication protocols and can be implemented
in battery-powered, portable, or hand-held
applications such as notebook or palmtop
computers. The
SP3220E/EB/EU devices
feature
Exar's proprietary on-board charge
pump circuitry that generates ±5.5V for RS-
232 voltage levels from a single +3.0V to
+5.5V power supply. This series is ideal for
+3.3V-only systems, mixed +3.3V to +5.5V
systems, or +5.0V-only systems that require
true RS-232 performance. The
SP3220EB
device has a driver that can operate at a data
rate of 250kbps fully loaded.The
SP3220EU
can operate at 1000kbps; the
SP3220E
device can operate at a typical data rate of
235kbps when fully loaded.
The
SP3220E/EB/EUisa1-driver/1-receiver
device ideal for portable or hand-held ap-
plications. The
SP3220E/EB/EU features a
1µA shutdown mode that reduces power
consumption and extends battery life in por-
table systems. Its receivers remain active in
shutdown mode, allowing external devices
such as modems to be monitored using only
1µA supply current.
THEORY OF OPERATION
The
SP3220E/EB/EU series is made up of
three basic circuit blocks:
1. Driver
2. Receiver
3. The Exar proprietary charge pump
Driver
Thedriverisaninvertingleveltransmitterthat
converts TTL or CMOS logic levels to +5.0V
EIA/TIA-232 levels with an inverted sense
relative to the input logic levels. Typically,
the RS-232 output voltage swing is +5.5V
with no load and at least +5V minimum fully
loaded. The driver outputs are protected
against infinite short-circuits to ground with-
out degradation in reliability. Driver outputs
will meet EIA/TIA-562 levels of +/-3.7V with
supply voltages as low as 2.7V.
The
SP3220EB driver can guarantee a data
rate of 250kbps fully loaded with 3kΩ in
parallel with 1000pF, ensuring compatability
withPC-to-PCcommunicationsoftware.The
SP3220EU driver can guarantee a data rate
of 1000kbps fully loaded with 3kΩ in parallel
with 250pF.
The slew rate of the
SP3220E and
SP3220EB outputs are internally limited to a
maximum of 30V/µs in order to meet the EIA
standards (EIA RS-232D 2.1.7, Paragraph
5). The transition of the loaded output from
HIGH to LOW also meet the monotonicity
requirements of the standard. The slew rate
of the
SP3220EU is not limited. This allows
it to transmit at much faster data rates.
Figure 12 shows a loopback test circuit
used to test the RS-232 Driver. Figure
13 shows the test results of the loopback
circuit with the
SP3220EB driver active at
250kbps with RS-232 load in parallel with
a 1000pF capacitor. Figure 14 shows the
test results where the
SP3220EU driver
was active at 1000kbps and loaded with an
RS-232 receiver in parallel with 250pF ca-
pacitors. A solid RS-232 data transmission
rate of 250kbps provides compatibility with
many designs in personal computer periph-
erals and LAN applications.
The
SP3220E/EB/EU driver's output stage
is turned off (tri-state) when the device
is in shutdown mode. When the power is
off, the
SP3220E/EB/EU device permits
the outputs to be driven up to +/-12V. The
driver's inputs do not have pull-up resistors.
Designers should connect unused inputs to
Vcc or GND.
In the shutdown mode, the supply current
falls to less than 1µA, where SHDN = LOW.
When the
SP3220E/EB/EU device is shut
down, the device's driver output is disabled
DESCRIPTION


Similar Part No. - SP3220EBET-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220EBET SIPEX-SP3220EBET Datasheet
160Kb / 19P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EBET SIPEX-SP3220EBET Datasheet
165Kb / 19P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
More results

Similar Description - SP3220EBET-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220E SIPEX-SP3220E Datasheet
169Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220 SIPEX-SP3220 Datasheet
102Kb / 16P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E Datasheet
114Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EBEA-L-TR EXAR-SP3220EBEA-L-TR Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Sipex Corporation
SP3220E SIPEX-SP3220E_05 Datasheet
478Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EUEY-L-TR EXAR-SP3220EUEY-L-TR Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EEA-L EXAR-SP3220EEA-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
MaxLinear. All Rights R...
SP3220E MAXLINEAR-SP3220E Datasheet
612Kb / 19P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
03/19/20
logo
Sipex Corporation
SP3220EBCY-L SIPEX-SP3220EBCY-L Datasheet
165Kb / 19P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220B SIPEX-SP3220B Datasheet
115Kb / 18P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com