Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2176A Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # 2176A
Description  270mW Stereo Cap-Free Headphone Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

2176A Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  2176A Datasheet HTML 1Page - Anpec Electronics Coropration 2176A Datasheet HTML 2Page - Anpec Electronics Coropration 2176A Datasheet HTML 3Page - Anpec Electronics Coropration 2176A Datasheet HTML 4Page - Anpec Electronics Coropration 2176A Datasheet HTML 5Page - Anpec Electronics Coropration 2176A Datasheet HTML 6Page - Anpec Electronics Coropration 2176A Datasheet HTML 7Page - Anpec Electronics Coropration 2176A Datasheet HTML 8Page - Anpec Electronics Coropration 2176A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jan., 2013
www.anpec.com.tw
4
APA2176/2176A
Electrical Characteristics
APA2176/2176A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
IDD
VDD Supply Current
-
2.0
4.0
mA
IPVDD
PVDD Supply Current
-
3.2
6.5
mA
ISD(VDD)
VDD Shutdown Current
VRSD = VLSD = 0
-
1.0
5.0
µA
ISD(PVDD)
PVDD Shutdown Current
VRSD = VLSD = 0
-
1.0
5.0
µA
CHARGE PUMP
fOSC
Switching Frequency
450
510
570
kHz
Req
Charge Pump Equivalent
Resistance
CCPO=CCPF=2.2
µF
6
7
9
POWER-ON-RESET
Rising VDD Threshold
PVDD=5V
1.67
1.7
1.73
V
Falling VDD Threshold
PVDD=5V
1.57
1.6
1.63
V
AMPLIFIERS
Av
Internal Voltage Gain
No Load
-1.55
-1.5
-1.45
V/V
∆A
V
Gain Match
-
1.0
-
%
Ri
Input Resistance
12
14
16
k
SR
Slew Rate
-
2.5
-
V/
µs
CL
Maximum Capacitive Load
-
400
-
pF
Tstart-up
Start-Up Time from Shutdown
-
120
-
µs
VDD=3.3V, PVDD=5.0V, TA=25°
C
THD+N = 1%, fin=1kHz, in Phase
RL = 16
RL = 32
125
200
150
-
PO
Output Power
THD+N = 10%, fin=1kHz, in Phase
RL = 16
RL = 32
170
270
200
-
mW
THD+N
Total Harmonic Distortion Plus
Noise
fin = 1kHz
PO = 140mW, RL = 16
PO = 105mW, RL = 32
VO = 1.7Vrms, RL = 10k
-
0.04
0.03
0.002
-
%
Crosstalk
Channel Separation
fin = 1kHz
PO = 140mW, RL = 16
VO = 1.7Vrms, RL = 10k
-
78
90
-
dB
PSRR
Power Supply Rejection Ratio
RL = 16
Ω, f
in=217Hz
-
90
-
dB
VOS
Output Offset Voltage
RL = 32
-5
-
5
mV
S/N
Signal to Noise Ratio
With A-weighting Filter
PO = 105mW, RL = 32
-
95
-
dB
Vn
Noise Output Voltage
RL = 32
-
15
-
µV
(rms)
Unless otherwise specified, these specifications apply over V
DD=3.3V, PVDD=5V, VPGND=VGND=0V, and CCPO=CCPF=2.2µF. Typical
values are at T
A=25
oC.


Similar Part No. - 2176A

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2176 ALPHAWIRE-2176 Datasheet
101Kb / 3P
   Customer Specification
9/14/2022
logo
Molex Electronics Ltd.
2176-T MOLEX1-2176-T Datasheet
103Kb / 2P
   Flat Blade Crimp Terminal, Series 2176, Female, With Tin (Sn) Plated Brass Contact, With Detent, 14-22 AWG (or 18 AWG Double Crimp), Reel Packaged
logo
Sumida Corporation
2176-T060 SUMIDA-2176-T060 Datasheet
67Kb / 2P
   IFT Coils < Pin Type: PG Series>
logo
Littelfuse
217600 LITTELFUSE-217600 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217630 LITTELFUSE-217630 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results

Similar Description - 2176A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
   100mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177 Datasheet
417Kb / 20P
   25mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
APA2180 ANPEC-APA2180 Datasheet
593Kb / 22P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2181 ANPEC-APA2181 Datasheet
583Kb / 21P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
Anpec Electronics Corop...
APA2174 ANPEC-APA2174 Datasheet
417Kb / 21P
   Stereo Cap-Free Line Driver
APA2175 ANPEC-APA2175 Datasheet
367Kb / 19P
   Stereo Cap-Free Line Driver
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
   STEREO HEADPHONE DRIVER
IS31AP4912-UTLS2-TR ISSI-IS31AP4912-UTLS2-TR Datasheet
285Kb / 11P
   STEREO HEADPHONE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com