Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2177 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA2177
Description  25mW Stereo Cap-Free Headphone Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2177 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA2177 Datasheet HTML 2Page - Anpec Electronics Coropration APA2177 Datasheet HTML 3Page - Anpec Electronics Coropration APA2177 Datasheet HTML 4Page - Anpec Electronics Coropration APA2177 Datasheet HTML 5Page - Anpec Electronics Coropration APA2177 Datasheet HTML 6Page - Anpec Electronics Coropration APA2177 Datasheet HTML 7Page - Anpec Electronics Coropration APA2177 Datasheet HTML 8Page - Anpec Electronics Coropration APA2177 Datasheet HTML 9Page - Anpec Electronics Coropration APA2177 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jul., 2012
APA2177
www.anpec.com.tw
6
Typical Operating Characteristics
THD+N vs. Output Power
Output Power (W)
VDD=3.6V in Phase
VDD=2.4V in Phase
VDD=2.4V Out of Phase
VDD=3.6V Out of Phase
RL=32
f=1kHz
0
10m
20m
30m
40m
50m
0.01
10
0.1
1
THD+N vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
0.001
0.01
0.1
1
R
R
R R
R
Po=10mW
Po=1mW
Po=4mW
RL=16
VDD=2.4V
THD+N vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
0.001
0.01
0.1
1
R
R
R R
R
Po=20mW
Po=1mW
Po=10mW
RL=16
VDD=3.6V
THD+N vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
0.001
0.01
0.1
1
R
R
R R
R
Po=20mW
Po=1mW
Po=10mW
RL=16
VDD=5.5V
THD+N vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
0.001
0.01
0.1
1
R
R R
R
R
R R
R R
R
R
Po=10mW
Po=1mW
Po=4mW
RL=32
VDD=2.4V
THD+N vs. Output Power
Output Power (W)
VDD=3.6V in Phase
VDD=2.4V in Phase
VDD=2.4V Out of Phase
VDD=3.6V Out of Phase
0
10m
20m
30m
40m
50m
0.01
10
0.1
1
RL=16
f=1kHz


Similar Part No. - APA2177

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2177 ANPEC-APA2177 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
APA2177HAI-TRG ANPEC-APA2177HAI-TRG Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
APA2177QBI-TRG ANPEC-APA2177QBI-TRG Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
More results

Similar Description - APA2177

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
Anpec Electronics Corop...
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
   100mW Stereo Cap-Free Headphone Driver
APA2176 ANPEC-APA2176 Datasheet
572Kb / 28P
   270mW Stereo Cap-Free Headphone Driver
APA2180 ANPEC-APA2180 Datasheet
593Kb / 22P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2181 ANPEC-APA2181 Datasheet
583Kb / 21P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2174 ANPEC-APA2174 Datasheet
417Kb / 21P
   Stereo Cap-Free Line Driver
APA2175 ANPEC-APA2175 Datasheet
367Kb / 19P
   Stereo Cap-Free Line Driver
logo
Texas Instruments
TPA6139A2 TI1-TPA6139A2_16 Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
   STEREO HEADPHONE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com