Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2180QBI-TRG Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APA2180QBI-TRG
Description  Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2180QBI-TRG Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APA2180QBI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APA2180QBI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APA2180QBI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APA2180QBI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APA2180QBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA2180QBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA2180QBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA2180QBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA2180QBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Dec., 2012
APA2180
www.anpec.com.tw
5
APA2180
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DRIVERS (CONT.)
THD+N=1%, fin=1kHz
RL=16
RL=32
45
50
60
-
PO
Output Power (Stereo, In
Phase)
THD+N=10%, fin=1kHz
RL=16
RL=32
-
70
80
-
mW
THD+N
Total Harmonic Distortion
Plus Noise
PO=20mW, RL=32
fin=20Hz
fin=1kHz
fin=20kHz
-
0.03
0.03
0.20
-
%
Crosstalk
Channel Separation
PO=20mW, RL=16
Ω,
fin=20Hz
fin=1kHz
fin=20kHz
75
85
85
70
-
S/N
Signal to Noise Ratio
VDD=5V, PO=140mW, RL=32
Ω,
With A-weighting Filter
-
95
-
dB
Electrical Characteristics (Cont.)
V
DD=3.6V, VGND=VPGND=0V, VSDN=VDD, CCPF=CCPO=1µF, Ci=1µF, TA=25
o
C (unless otherwise noted).


Similar Part No. - APA2180QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2181 ANPEC-APA2181 Datasheet
583Kb / 21P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2181DHAI-TRG ANPEC-APA2181DHAI-TRG Datasheet
583Kb / 21P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2181MHAI-TRG ANPEC-APA2181MHAI-TRG Datasheet
583Kb / 21P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
More results

Similar Description - APA2180QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2181 ANPEC-APA2181 Datasheet
583Kb / 21P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
   100mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177 Datasheet
417Kb / 20P
   25mW Stereo Cap-Free Headphone Driver
APA2176 ANPEC-APA2176 Datasheet
572Kb / 28P
   270mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
Anpec Electronics Corop...
APA2174 ANPEC-APA2174 Datasheet
417Kb / 21P
   Stereo Cap-Free Line Driver
APA2175 ANPEC-APA2175 Datasheet
367Kb / 19P
   Stereo Cap-Free Line Driver
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
   STEREO HEADPHONE DRIVER
IS31AP4912-UTLS2-TR ISSI-IS31AP4912-UTLS2-TR Datasheet
285Kb / 11P
   STEREO HEADPHONE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com