Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1825013-1 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 1-1825013-1
Description  Switches Core Program
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1825013-1 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 1-1825013-1 Datasheet HTML 5Page - Tyco Electronics 1-1825013-1 Datasheet HTML 6Page - Tyco Electronics 1-1825013-1 Datasheet HTML 7Page - Tyco Electronics 1-1825013-1 Datasheet HTML 8Page - Tyco Electronics 1-1825013-1 Datasheet HTML 9Page - Tyco Electronics 1-1825013-1 Datasheet HTML 10Page - Tyco Electronics 1-1825013-1 Datasheet HTML 11Page - Tyco Electronics 1-1825013-1 Datasheet HTML 12Page - Tyco Electronics 1-1825013-1 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
8
MLL Series
I Low profile
1
up to 3
Make before Break
Standard
SMT
Standard
No
No
300 mA; 4 Vdc
10,000 ops.
20…+85°C
6.7...9.7 x 2.6 x 1.4
Tube, Tape and Reel
Switches
Slide Switches
SSA Series
I Micro size
I Instrumentation grade
up to 2
2
Make before Break
Yes
THT
Standard
No
No
Gold: 20 mA @ 20 Vdc
Silver: 100 mA @ 30 Vac
up to 10,000 ops.
-20…+80°C
9.0…15.0 x 3.4…5.6 x 4.8 mm
Bulk
SSJ Series
I Micro size
I Instrumentation grade
1
3
Make before Break
Yes
THT
Standard
No
No
100 mA @ 12 Vdc
10,000 ops.
-10…+60°C
10.2...15.8 x 4 x 5.5 mm
Tray
MHS Series
I Low profile
I Instrumentaion grade
up to 2
up to 3
Make before Break
Yes
THT
Standard and Baton
No
No
Gold: 20 mA @ 20 Vdc
Silver: 300 mA @ 125 Vac
15,000 ops.
-20…+100°C
16.0 x 6.7 x 7.5 mm
Tray
SLS/SL/SLSA Series
I Wiping contact
I Consumer grade
up to 2
up to 10
Break before Make
Yes
THT
Standard, Lever / Knob Actuator
No
No
SLS/SL: 250 mA @ 125 Vac,
150 mA @ 12 Vdc
SLA: 500 mA @ 125 Vac
10,000 ops.
SLS/SL: -10…+60°C,
SLA: -20…+85°C
refer to catalogue
Bulk
Slide switch
Number of poles
Number of throws
Contact timing
Right angle versions
Mounting style
Actuator style
Flush actuator version
Tape seal
Contact rating
Electrical endurance
Operating temperature range
Dimensions (LxWxH)
Packaging
Slide switch
Number of poles
Number of throws
Contact timing
Right angle versions
Mounting style
Actuator style
Flush actuator version
Tape seal
Contact rating
Electrical endurance
Operating temperature range
Dimensions (LxWxH)
Packaging


Similar Part No. - 1-1825013-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1825013-1 MACOM-1-1825013-1 Datasheet
2Mb / 30P
   Switches Core Program
1-1825013-1 MACOM-1-1825013-1 Datasheet
2Mb / 30P
   Switches Core Program
1-1825013-1 MACOM-1-1825013-1 Datasheet
2Mb / 30P
   Switches Core Program
More results

Similar Description - 1-1825013-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1825057-8 MACOM-1825057-8 Datasheet
2Mb / 30P
   Switches Core Program
FSM4JRT MACOM-FSM4JRT Datasheet
2Mb / 30P
   Switches Core Program
ADE0404 MACOM-ADE0404 Datasheet
2Mb / 30P
   Switches Core Program
FSM4JSMATR MACOM-FSM4JSMATR Datasheet
2Mb / 30P
   Switches Core Program
1825010-1 MACOM-1825010-1 Datasheet
2Mb / 30P
   Switches Core Program
1571982-2 MACOM-1571982-2 Datasheet
2Mb / 30P
   Switches Core Program
147873-1 MACOM-147873-1 Datasheet
2Mb / 30P
   Switches Core Program
1-1825143-1 MACOM-1-1825143-1 Datasheet
2Mb / 30P
   Switches Core Program
logo
Renesas Technology Corp
M16C26A-C RENESAS-M16C26A-C Datasheet
516Kb / 17P
   Sample Program (Calendar)
logo
List of Unclassifed Man...
OP200 ETC1-OP200 Datasheet
545Kb / 42P
   Service Program Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com