Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-86147-2 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 1-86147-2
Description  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-86147-2 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 1-86147-2 Datasheet HTML 6Page - Tyco Electronics 1-86147-2 Datasheet HTML 7Page - Tyco Electronics 1-86147-2 Datasheet HTML 8Page - Tyco Electronics 1-86147-2 Datasheet HTML 9Page - Tyco Electronics 1-86147-2 Datasheet HTML 10Page - Tyco Electronics 1-86147-2 Datasheet HTML 11Page - Tyco Electronics 1-86147-2 Datasheet HTML 12Page - Tyco Electronics 1-86147-2 Datasheet HTML 13Page - Tyco Electronics 1-86147-2 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 321 page
background image
10
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
1
PC/104, Solder
Note: All part numbers are RoHS compliant.
.390
[9.90]
.195
[4.95]
Typ.
3.21
[81.60]
2.01
[51.11]
Plugged
Circuit
Plugged
Circuit
.300
[7.62]
3.10
[78.74]
Unkeyed
.300
[7.62]
3.10
[78.74]
.041
±.003
[1.03
±0.08]
Dia.
102 Plcs.
Plated Through Hole
Keyed
Non-Stackthrough, No Standoffs
Part No. 1375963-3 (keyed)
Part No. 1375963-4 (unkeyed)
Typ.
.100
[2.54]
.119
±.013
[3.03
±0.34]
Typ.
.435
[11.05]
Typ.
.100
[2.54]
.390
[9.90]
.195
[4.95]
Typ.
3.21
[81.60]
2.01
[51.11]
Plugged
Circuit
Plugged
Circuit
Non-Stackthrough, 4 Standoffs
Part No. 1375959-3 (keyed)
Part No. 1375959-4 (unkeyed)
Typ.
.100
[2.54]
.119
±.013
[3.03
±0.34]
Typ.
.435
[11.05]
Typ.
.100
[2.54]
Typ.
.600
[15.24]
.390
[9.90]
.195
[4.95]
Typ.
3.21
[81.60]
Plugged
Circuit
Plugged
Circuit
Breakaway Standoffs
2.01
[51.11]
Non-Stackthrough, 2 Standoffs
Part No. 1375961-3 (keyed)
Part No. 1375961-4 (unkeyed)
Typ.
.100
[2.54]
.119
±.013
[3.03
±0.34]
Typ.
.435
[11.05]
.100
[2.54]
Typ.
Typ.
.600
[15.24]
.300
[7.62]
.125
[3.18]
3.10
[78.74]
0.05
[1.27]
Dia.
2 Plcs.
.040
±.003
[1.01
±0.08]
Dia.
102 Plcs.
Plated Through Hole
Keyed
Recommended PC Board Layout
Recommended PC Board Layout
.300
[7.62]
.125
[3.18]
3.10
[78.74]
0.05
[1.27]
Dia.
2 Plcs.
Unkeyed
Material and Finish
Housing — Glass filled thermoplastic,
Black, 94V-0 rated
Contacts
Non-Stackthrough — Phosphor Bronze;
plated .000015 [0.00038] min. Gold on
mating receptacle end, .000100 [0.00254]
matte tin on remainder, all over .000050
[0.00127] Nickel
Screwlocks — Steel, Clear Chromate
over Zinc


Similar Part No. - 1-86147-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-86177-0 MACOM-1-86177-0 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
1-86177-1 MACOM-1-86177-1 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
1-86177-2 MACOM-1-86177-2 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
1-86177-3 MACOM-1-86177-3 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
1-86177-4 MACOM-1-86177-4 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
More results

Similar Description - 1-86147-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com