Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

501R29N1ROKT6E Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 501R29N1ROKT6E
Description  NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501R29N1ROKT6E Datasheet(HTML) 1 Page - Johanson Technology Inc.

  501R29N1ROKT6E Datasheet HTML 1Page - Johanson Technology Inc. 501R29N1ROKT6E Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
www.johansondielectrics.com
Rated
Voltage
NPo dielectRic
X7R dielectRic
Minimum
Maximum
Minimum
old Max
New Max
R15/0805
Inches
(mm)
250 VDC
-
-
1000 pF
0.022 µF
0.022 µF
L
.080 ±.010
(2.03 ±.25)
500 VDC
10 pF
680 pF
1000 pF
8200 pF
0.010 µF
W
.050 ±.010
(1.27 ±.25)
630 VDC
10 pF
560 pF
1000 pF
3900 pF
6800 pF
T
.055 Max.
(1.40)
1000 VDC
10 pF
390 pF
100 pF
2700 pF
4700 pF
E/B .020 ±.010
(0.51±.25)
R18/1206
Inches
(mm)
250 VDC
-
-
1000 pF
0.068 µF
0.068 µF
L
.125 ±.010
(3.17 ±.25)
500 VDC
10 pF
1500 pF
1000 pF
0.027 µF
0.047 µF
W
.062 ±.010
(1.57 ±.25)
630 VDC
10 pF
1200 pF
1000 pF
0.010 µF
0.027 µF
T
.067 Max.
(1.70)
1000 VDC
10 pF
1000 pF
100 pF
5600 pF
0.018 µF
E/B .020 ±.010
(0.51±.25)
2000 VDC
10 pF
220 pF
100 pF
1000 pF
4700 pF
3000 VDC
10 pF
82 pF
100 pF
220 pF
1000 pF
S41/1210
Inches
(mm)
250 VDC
-
-
1000 pF
0.120 µF
0.220 µF
L
.125 ±.010
(3.18 ±.25)
500 VDC
10 pF
3900 pF
1000 pF
0.047 µF
0.100 µF
W
.095 ±.010
(2.41 ±.25)
630 VDC
10 pF
2700 pF
1000 pF
0.027 µF
0.056 µF
T
.080 Max.
(2.03)
1000 VDC
10 pF
1800 pF
100 pF
0.010 µF
0.047 µF
E/B .020 ±.010
(0.51±.25)
2000 VDC
10 pF
560 pF
100 pF
2200 pF
3900 pF
3000 VDC
10 pF
220 pF
100 pF
560 pF
2700 pF
R29/1808
500 VDC
10 pF
4700 pF
1000 pF
0.056 µF
0.100 µF
Inches
(mm)
630 VDC
10 pF
3300 pF
1000 pF
0.039 µF
0.068 µF
L
.189 ±.010
(4.80 ±.25)
1000 VDC
1.0 pF
2200 pF
100 pF
0.018 µF
0.047 µF
W
.080 ±.010
(2.03 ±.25)
2000 VDC
1.0 pF
820 pF
100 pF
6800 pF
8200 pF
T
.085 Max.
(2.16)
3000 VDC
1.0 pF
470 pF
100 pF
3300 pF
3900 pF
E/B .020 ±.010
(0.51±.25)
4000 VDC
1.0 pF
180 pF
100 pF
270 pF
2200 pF
5000 VDC
1.0 pF
75 pF
47 pF
120 pF
1000 pF
6000 VDC
1.0 pF
75 pF
47 pF
100 pF
S43 / 1812
250 VDC
-
-
0.010 µF
0.270 uF
0.470 µF
Inches
(mm)
500 VDC
100 pF
8200 pF
1000 pF
0.150 uF
0.330 uF
L
.180 ±.010
(4.57 ±.25)
630 VDC
100 pF
6800 pF
1000 pF
0.100 µF
0.180 µF
W
.125 ±.010
(3.17 ±.25)
1000 VDC
10 pF
5600 pF
1000 pF
0.022 µF
0.100 µF
T
.110 Max.
(2.80)
2000 VDC
10 pF
1800 pF
100 pF
6800 pF
0.010 µF
E/B .025 ±.015
(0.64±.38)
3000 VDC
10 pF
1000 pF
100 pF
4700 pF
6800 pF
4000 VDC
10 pF
390 pF
100 pF
1500 pF
2200 pF
5000 VDC
10 pF
150 pF
100 pF
680 pF
1000 pF
6000 VDC
10 pF
150 pF
10 pF
680 pF
680 pF
NEXT GENERATION HigH Voltage MLCCs 250 - 6,000 VDC
eXteNDeD CaPaCitaNCe RaNges
HigHeR Voltage RatiNgs
sMalleR Case siZes
• Micro-Polished For redUced sUrFAce Arc
• hiGh Ac WiThsTANdiNG cAPABiliTY
• FleXiBle TerMiNATioNs AVAilABle
• FAil-sAFe desiGNs AVAilABle
MechaNical chaRacteRiSticS
aVailable caPacitaNce


Similar Part No. - 501R29N1ROKT6E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
501R29N1R0JF4E JOHANSON-501R29N1R0JF4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501R29N1R0JF4E JOHANSON-501R29N1R0JF4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501R29N1R0JF4E JOHANSON-501R29N1R0JF4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501R29N1R0JF4E JOHANSON-501R29N1R0JF4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501R29N1R0JF4R JOHANSON-501R29N1R0JF4R Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
More results

Similar Description - 501R29N1ROKT6E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102S41W103KV4E JOHANSON-102S41W103KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
202S43W472KV4E JOHANSON-202S43W472KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501R18W223KV4E JOHANSON-501R18W223KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501S43W473KV4E JOHANSON-501S43W473KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501R18W103KV4E JOHANSON-501R18W103KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
302S43W332KV4E JOHANSON-302S43W332KV4E Datasheet
639Kb / 2P
   High Voltage MLCCs 250 - 6,000 VDC
302R29W102KV4E JOHANSON-302R29W102KV4E Datasheet
639Kb / 2P
   High Voltage MLCCs 250 - 6,000 VDC
202R29N101KV4E JOHANSON-202R29N101KV4E Datasheet
639Kb / 2P
   High Voltage MLCCs 250 - 6,000 VDC, EXTENDED CAPACITA NCE RANGEs
logo
List of Unclassifed Man...
R15-0805 ETC2-R15-0805 Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
logo
Johanson Technology Inc...
502R29W102KV3E JOHANSON-502R29W102KV3E Datasheet
266Kb / 2P
   HIGH VOLTAGE S URFACE MOUNT MLCC S 250 - 6,000 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com