Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5086182-9 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 5086182-9
Description  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5086182-9 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 5086182-9 Datasheet HTML 5Page - Tyco Electronics 5086182-9 Datasheet HTML 6Page - Tyco Electronics 5086182-9 Datasheet HTML 7Page - Tyco Electronics 5086182-9 Datasheet HTML 8Page - Tyco Electronics 5086182-9 Datasheet HTML 9Page - Tyco Electronics 5086182-9 Datasheet HTML 10Page - Tyco Electronics 5086182-9 Datasheet HTML 11Page - Tyco Electronics 5086182-9 Datasheet HTML 12Page - Tyco Electronics 5086182-9 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 321 page
background image
9
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
1
PC/104-Plus, Press-Fit (Continued)
Typ.
0.79
[2.00]
.112
±.013
[2.85
±0.34]
.600
[15.24]
Typ.
Typ.
.368
[9.35]
Typ.
0.79
[2.00]
.315
[8.00]
.015
[0.39]
2.37
[60.30]
Plugged
Circuit
(-3 and -6 only)
Plugged
Circuit
(-2 and -5 only)
Recommended PC Board Layout
for 1375797-1, 1375797-4,
1375798-1, 1375798-4
Recommended PC Board Layout
for 1375797-2, 1375797-5,
1375798-2, 1375798-5
Recommended PC Board Layout
for 1375797-3, 1375797-6,
1375798-3, 1375798-6
.315
[8.00]
.015
[0.39]
2.37
[60.30]
Plugged
Circuit
(-3 and -6 only)
Plugged
Circuit
(-2 and -5 only)
Sq.
Typ.
.020
[0.51]
Typ.
0.79
[2.00]
.483
±.013
[12.27
±0.34]
.600
[15.24]
Typ.
Typ.
.368
[9.35]
Typ.
.079
[2.00]
See Customer Drawing for
Hole Geometry and Recommended Plating.
Stackthrough, 2 Standoffs
Gold plated contacts*
Part No. 1375797-1 (unkeyed)
Part No. 1375797-2 (keyed-A1)
per PC/104-Plus specification
Part No. 1375797-3 (keyed-D30)
per PC/104-Plus specification
Gold plated contacts with Tin
plated compliant pin section**
Part No. 1375797-4 (unkeyed)
Part No. 1375797-5 (keyed-A1)
per PC/104-Plus specification
Part No. 1375797-6 (keyed-D30)
per PC/104-Plus specification
Non-Stackthrough, 2 Standoffs
Tin-lead plated tails*
Part No. 1375798-1 (unkeyed)
Part No. 1375798-2 (keyed-A1)
per PC/104-Plus specification
Part No. 1375798-3 (keyed-D30)
per PC/104-Plus specification
Matte tin plated tails**
Part No. 1375798-4 (unkeyed),
Part No. 1375798-5 (keyed-A1)
per PC/104-Plus specification
Part No. 1375798-6 (keyed-D30)
per PC/104-Plus specification
Note: All part numbers are RoHS compliant.
* For RoHS exempt Tin-lead processes (including ENIG Plated PCB’s)
** for Silver Immersion processes or where a total lead free solution is desired


Similar Part No. - 5086182-9

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5086 SCHURTER-5086 Datasheet
319Kb / 2P
   IEC Appliance Outlet D, insert Mounting, Solder Terminal
5086 SCHURTER-5086 Datasheet
201Kb / 3P
   IEC Appliance Outlet D, insert Mounting, Solder Terminal
05.01.2022
5086-H-ABC0-D-E SCHURTER-5086-H-ABC0-D-E Datasheet
319Kb / 2P
   IEC Appliance Outlet D, insert Mounting, Solder Terminal
logo
Molex Electronics Ltd.
50860-7112 MOLEX7-50860-7112 Datasheet
91Kb / 2P
   Ring Tongue Terminal for 2 AWG, Closed Uninsulated Brazed Barrel, Stud Size 5/8" (M16), Oxygen-Free Copper, Length 52.00mm (2.047")
logo
Aavid, Thermal Division...
508600B00000G AAVID-508600B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
More results

Similar Description - 5086182-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com