Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2600KAI-TUG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APA2600KAI-TUG
Description  3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2600KAI-TUG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APA2600KAI-TUG Datasheet HTML 6Page - Anpec Electronics Coropration APA2600KAI-TUG Datasheet HTML 7Page - Anpec Electronics Coropration APA2600KAI-TUG Datasheet HTML 8Page - Anpec Electronics Coropration APA2600KAI-TUG Datasheet HTML 9Page - Anpec Electronics Coropration APA2600KAI-TUG Datasheet HTML 10Page - Anpec Electronics Coropration APA2600KAI-TUG Datasheet HTML 11Page - Anpec Electronics Coropration APA2600KAI-TUG Datasheet HTML 12Page - Anpec Electronics Coropration APA2600KAI-TUG Datasheet HTML 13Page - Anpec Electronics Coropration APA2600KAI-TUG Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2013
www.anpec.com.tw
10
APA2603
Typical Operating Characteristics (Cont.)
PSRR vs. Frequency
Gain vs. Volume Voltage
DC Volume Voltage (V)
V
DD=5.0V
No Load
AUX-0025
AES-17(20kHz)
Gain Down
Gain Up
-80
-60
-40
-20
0
20
0
1.0
2.0
3.0
4.0
5.0
Supply Current vs. Voltage
No Load
Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
1.0
2.0
3.0
4.0
5.0
6.0
Shutdown Current vs. Voltage
No Load
Voltage (V)
0
1.0
2.0
3.0
4.0
5.0
6.0
0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (Hz)
V
DD=5.0V
R
L=8Ω
A
V=20dB
V
rr=0.2Vrms
Input floating
AUX-0025
AES-17(20kHz)
SOP-16P
20
20k
100
1k
10k
-70
+0
-60
-50
-40
-30
-20
-10


Similar Part No. - APA2600KAI-TUG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
APA2600QBI-TRG ANPEC-APA2600QBI-TRG Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
More results

Similar Description - APA2600KAI-TUG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
   3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
logo
Shenzhenshi YONGFUKANG ...
AX8703 YONGFUKANG-AX8703 Datasheet
1Mb / 16P
   3W Filterless Class D Stereo Audio Power Amplifier with I2C Volume Control
logo
Power Analog Micoelectr...
PAM8803 PAM-PAM8803 Datasheet
304Kb / 13P
   3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
Shenzhenshi YONGFUKANG ...
TA8803 YONGFUKANG-TA8803 Datasheet
269Kb / 13P
   3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
SamHop Microelectronics...
SM7498 SAMHOP-SM7498 Datasheet
789Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7511 SAMHOP-SM7511 Datasheet
2Mb / 23P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7497 SAMHOP-SM7497 Datasheet
712Kb / 12P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7498HL SAMHOP-SM7498HL Datasheet
794Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com