Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2605 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA2605
Description  2.8W Stereo Class-D Audio Power Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2605 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA2605 Datasheet HTML 1Page - Anpec Electronics Coropration APA2605 Datasheet HTML 2Page - Anpec Electronics Coropration APA2605 Datasheet HTML 3Page - Anpec Electronics Coropration APA2605 Datasheet HTML 4Page - Anpec Electronics Coropration APA2605 Datasheet HTML 5Page - Anpec Electronics Coropration APA2605 Datasheet HTML 6Page - Anpec Electronics Coropration APA2605 Datasheet HTML 7Page - Anpec Electronics Coropration APA2605 Datasheet HTML 8Page - Anpec Electronics Coropration APA2605 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2013
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
2.8W Stereo Class-D Audio Power Amplifier
(with DC Volume Control, AGC Function)
APA2605
The APA2605 is a stereo, high efficiency, filter-free Class-
D audio amplifier available in SOP-18, SSOP-24,
SSOP-24P, and QFN4x4-20A packages.
The APA2605 provides the precise DC volume control,
the gain range is from -80dB (V
VOLUME=0V) to +20dB
(V
VOLUME=5V) with 64 steps precise control. It’
s easy to get
the suitable amplifier’s gain with the 64 steps gain setting.
The filter-free architecture eliminates the output filters
compared to the traditional Class-D audio amplifier, and
reduces the external component counts and the compo-
nents high, it could save the PCB space, system cost,
simplifies the design and the power loss at filter.
APA2605 provides an AGC (Non-Clip) function, and this
function can low down the dynamic range for large input
signal. APA2605 can provide from 20dB to -80dB with 64
steps gain decrease for non-clipping function, and this
function can avoid output signal clipping.
The APA2605 also integrates the de-pop circuitry that re-
duces the pops and click noise during power on/off or
shutdown enable process.
The APA2605 has build-in over-current and thermal pro-
tection that prevent the chip being destroyed by short-
circuit or over-temperature situation.
APA2605 is capable of driving 2.8W at 5V into 4
Ω speaker.
The efficiency can archive 85% at R
L=4Ω when PO=2.8W
at V
DD=5V.
Features
General Description
Applications
LCD TVs
DVD Player
Active Speakers
Operating Voltage: 3.3V-5.5V
High Efficiency 85% at P
O=2.8W, 4Ω Speaker,
V
DD=5V
Filter-Free Class-DAmplifier
Low Shutdown Current
– I
DD=1µA at VDD=5V
64 Steps Volume Adjustable from -80dB to +20dB
by DC Voltage with Hysteresis
AGC(Non-Clip)Function
Output Power at THD+N=1%
– 2.3W at V
DD=5V, RL=4Ω
– 1.3W at V
DD=5V, RL=8Ω
Output Power at THD+N=10%
– 2.8W at V
DD=5V, RL=4Ω
– 1.6W at V
DD=5V, RL=8Ω
Less External Components Required
Thermal and Over-Current Protections with Auto-
Recovery
Power Enhanced Packages SSOP-24, SOP-18,
SSOP-24P & QFN4x4-20A
Lead Free and Green Devices Available
(RoHS Compliant)
Simplified Application Circuit
APA2605
Stereo
Speakers
ROUTP
ROUTN
LOUTN
LOUTP
RINN
LINN
Volume
Stereo Input
Signals
DC Volume
Control


Similar Part No. - APA2605

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
APA2600JI-TRG ANPEC-APA2600JI-TRG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600JI-TUG ANPEC-APA2600JI-TUG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600KAI-TRG ANPEC-APA2600KAI-TRG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600KAI-TUG ANPEC-APA2600KAI-TUG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
More results

Similar Description - APA2605

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
Anpec Electronics Corop...
APA2606 ANPEC-APA2606_17 Datasheet
462Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715 Datasheet
550Kb / 14P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
Rev 1; 8/05
logo
Anpec Electronics Corop...
APA2606 ANPEC-APA2606 Datasheet
551Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A_18 Datasheet
514Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Integrated Silicon Solu...
IS31AP2010F ISSI-IS31AP2010F Datasheet
324Kb / 13P
   2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com