Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2605NI-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA2605NI-TRG
Description  2.8W Stereo Class-D Audio Power Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2605NI-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2605NI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2013
www.anpec.com.tw
4
APA2605
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage (VDD, PVDD, VDC to GND)
-0.3 to 6.5
Input Voltage (LINN, RINN to GND)
-0.3 to VDD+0.3
Input Voltage (SD, MUTE, AGC, VDC, VOLUME and BYPASS to GND)
-0.3 to VDD+0.3
V
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-65 to +150
TSDR
Maximum Soldering Temperature Range, 10 Seconds
260
οC
PD
Power Dissipation
Internally Limited
W
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance -Junction to Ambient
(Note 2)
QFN4x4-20A
SSOP-24
SOP-18
SSOP-24P
45
96
70
45
οC/W
θ
JC
Thermal Resistance -Junction to Case
(Note 3)
QFN4x4-20A
SSOP-24
SOP-18
SSOP-24P
7
18
16
11
οC/W
Note 2: Please refer to “Layout Recommendation”, the GND PIN on the central of the IC should connect to the ground plan, and the PCB
is a 2-layer, 5-inch square area with 2oz copper thickness.
Note 3: The case temperature is measured at the center of the GND PIN on the underside of the SSOP-24, SOP-18 and QFN 4x4-20A
packages.
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VDD
Supply Voltage
3.3 ~ 5.5
VIH
High Level Threshold Voltage
SD, MUTE
2 ~ VDD
VIL
Low Level Threshold Voltage
SD, MUTE
0 ~ 0.8
VICM
Common Mode Input Voltage
1 ~ VDD-1
V
TA
Ambient Temperature Range
-40 ~ 85
TJ
Junction Temperature Range
-40 ~ 125
οC
RL
Speaker Resistance
3.5 ~


Similar Part No. - APA2605NI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
APA2600JI-TRG ANPEC-APA2600JI-TRG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600JI-TUG ANPEC-APA2600JI-TUG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600KAI-TRG ANPEC-APA2600KAI-TRG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600KAI-TUG ANPEC-APA2600KAI-TUG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
More results

Similar Description - APA2605NI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
Anpec Electronics Corop...
APA2606 ANPEC-APA2606_17 Datasheet
462Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715 Datasheet
550Kb / 14P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
Rev 1; 8/05
logo
Anpec Electronics Corop...
APA2606 ANPEC-APA2606 Datasheet
551Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A_18 Datasheet
514Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Integrated Silicon Solu...
IS31AP2010F ISSI-IS31AP2010F Datasheet
324Kb / 13P
   2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com