Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2605NI-TRG Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA2605NI-TRG
Description  2.8W Stereo Class-D Audio Power Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2605NI-TRG Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA2605NI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APA2605NI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2013
www.anpec.com.tw
6
APA2605
Electrical Characteristics (Cont.)
APA2605
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD=3.6V, TA=25°
C, GAIN=6dB (CONT.)
RL=4
Ω, P
O=0.8W
-
0.2
0.4
THD+N
Total Harmonic Distortion Plus
Noise
fin=1kHz
RL=8
Ω, P
O=0.5W
-
0.1
0.3
%
Crosstalk
Channel Separation
PO=0.1W, RL=4
Ω, f
in=1kHz
-
-100
-60
fin=100Hz
-
-60
-50
PSRR
Power Supply Rejection Ratio
RL=4
Ω, Input
AC-Ground
fin=1kHz
-
-70
-60
SNR
Signal to Noise Ratio
With A-Weighting Filter
VO=1Vrms, RL=8
-80
-85
-
AttMute
Mute Attenuation
fin=1kHz, RL=8
Ω, V
IN=1Vrms
-
-100
-80
Attshutdown
Shutdown Attenuation
fin=1kHz, RL=8
Ω, V
IN=1Vrms
-
-120
-90
dB
Vn
Output Noise
With A-Weighting Filter (Gain=20dB)
-
80
-
µVrms
VOS
Output Offset Voltage
RL=4
Ω (Gain=20dB)
-
20
30
mV
V
DD=5V, VGND=0V, TA=25
o
C, Gain=20dB (unless otherwise noted)


Similar Part No. - APA2605NI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
APA2600JI-TRG ANPEC-APA2600JI-TRG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600JI-TUG ANPEC-APA2600JI-TUG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600KAI-TRG ANPEC-APA2600KAI-TRG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600KAI-TUG ANPEC-APA2600KAI-TUG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
More results

Similar Description - APA2605NI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
Anpec Electronics Corop...
APA2606 ANPEC-APA2606_17 Datasheet
462Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715 Datasheet
550Kb / 14P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
Rev 1; 8/05
logo
Anpec Electronics Corop...
APA2606 ANPEC-APA2606 Datasheet
551Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A_18 Datasheet
514Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Integrated Silicon Solu...
IS31AP2010F ISSI-IS31AP2010F Datasheet
324Kb / 13P
   2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com