Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2607QBI-TRG Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APA2607QBI-TRG
Description  6W Stereo Class-D Audio Power Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2607QBI-TRG Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APA2607QBI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APA2607QBI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APA2607QBI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APA2607QBI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APA2607QBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA2607QBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA2607QBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA2607QBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA2607QBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2011
www.anpec.com.tw
5
APA2607
Electrical Characteristics (Cont.)
APA2607
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DRC (1,1), GAIN (1,0)
-
46
-
AV
Closed-Loop Gain
DRC (1,1), GAIN (1,1)
-
28
-
dB
V
DD=12V, GND=0V, TA=25
o
C (unless otherwise noted)
Stereo Mode
APA2607
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD=16V, TA=25°
C
THD+N=1%
fin=1kHz
RL=8
-
12
-
PO
Output Power
THD+N=10%
fin=1kHz
RL=8
-
15
-
W
THD+N
Total Harmonic Distortion Pulse
Noise
fin=1kHz
RL=8
Ω, P
O=6W
-
0.07
0.1
%
Crosstalk
Channel Separation
PO=0.5W, RL=8
Ω,f
in=1kHz
-
-70
-60
fin=100Hz
-
-65
-55
PSRR
Power Supply Rejection Ratio
RL=8
fin=1kHz
-
-65
-55
CMRR
Common Mode Rejection Ration
fin=1kHz, RL=8
Ω,V
in=0.1Vpp
-
-65
-55
AttMute
Mute Attenuation
fin=1kHz, RL=8
Ω,V
in=1Vpp
-
-115
-100
Attshutdown
Shutdown Attenuation
fin=1kHz, RL=8
Ω, V
in=1Vpp
-
-115
-100
dB
VOS
Offset Voltage
No load, Av=22dB
-
-
20
mV
Vn
Noise Output Voltage
With A-weighted Filter (Av=22dB)
-
230
500
µVrms
VDD=12V, TA=25°
C
RL=4
-
10
-
THD+N=1%
fin=1kHz
RL=8
-
6
-
RL=4
-
14
-
PO
Output Power
THD+N=10%
fin=1kHz
RL=8
-
8
-
W
RL=4
Ω, P
O=7W
-
0.07
0.1
THD+N
Total Harmonic Distortion Pulse
Noise
fin=1kHz
RL=8
Ω, P
O=4.5W
-
0.07
0.1
%
Crosstalk
Channel Separation
PO=0.5W, RL=8
Ω, f
in=1kHz
-
-70
-60
fin=100Hz
-
-65
-55
PSRR
Power Supply Rejection Ratio
RL=8
fin=1kHz
-
-65
-55
CMRR
Common Mode Rejection Ration
fin=1kHz, RL=8
Ω, V
IN=0.1Vpp, AV=22dB
-
-65
-55
AttMute
Mute Attenuation
fin=1kHz, RL=8
Ω, V
IN=1Vpp
-
-115
-100
Attshutdown
Shutdown Attenuation
fin=1kHz, RL=8
Ω, V
IN=1Vpp
-
-115
-100
dB
VOS
Offset Voltage
No load, AV=22dB
-
-
20
mV
Vn
Noise Output Voltage
With A-weighting Filter (AV=22dB)
-
230
500
µVrms


Similar Part No. - APA2607QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
APA2600JI-TRG ANPEC-APA2600JI-TRG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600JI-TUG ANPEC-APA2600JI-TUG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600KAI-TRG ANPEC-APA2600KAI-TRG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
APA2600KAI-TUG ANPEC-APA2600KAI-TUG Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
More results

Similar Description - APA2607QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2613 ANPEC-APA2613 Datasheet
473Kb / 25P
   6W Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA402DS ETC1-TMPA402DS Datasheet
236Kb / 13P
   6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM4940 TI1-LM4940_14 Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
   6W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
   12W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com