Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2614 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA2614
Description  15W Stereo Class-D Audio Power Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2614 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2614 Datasheet HTML 1Page - Anpec Electronics Coropration APA2614 Datasheet HTML 2Page - Anpec Electronics Coropration APA2614 Datasheet HTML 3Page - Anpec Electronics Coropration APA2614 Datasheet HTML 4Page - Anpec Electronics Coropration APA2614 Datasheet HTML 5Page - Anpec Electronics Coropration APA2614 Datasheet HTML 6Page - Anpec Electronics Coropration APA2614 Datasheet HTML 7Page - Anpec Electronics Coropration APA2614 Datasheet HTML 8Page - Anpec Electronics Coropration APA2614 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jan., 2013
www.anpec.com.tw
4
APA2614
Electrical Characteristics
APA2614
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCLAMP
Regulated Voltage
IO=2mA, VDD=8~26V
TJ = -40
oC ~ 125oC
4.5
5
5.5
V
VO
Maximum Output Voltage
Under PLIMIT Control
VPLIMIT = 1V, Vl = 1Vrms
-
5.5
-
TSD(ON)
Shutdown Turn-On Time
SD =2.2V
-
16
-
ms
TSD(OFF)
Shutdown Turn-Off Time
SD =0.8V
-
2
-
µs
IDD
Quiescent Supply Current
No Load
-
20
35
mA
ISD
Quiescent Supply Current in
shutdown mode
SD = 0V
-
10
100
II
Input Current
SD , GAIN0, GAIN1, MONO
-
5
50
µA
FOSC
Internal Oscillator Frequency
400
500
600
kHz
RDSON
Static Drain-Source On-State
Resistance
VDD = 12V, IL= 0.5A
-
240
-
m
Gain 0 = 0, Gain 1 = 0
-
20
-
Gain 0 = 1, Gain 1 = 0
-
26
-
Gain 0 = 0, Gain 1 = 1
-
32
-
AV
Gain
Gain 0 = 1, Gain 1 = 1
-
36
-
dB
tDCDET
DC Derect Time
VINP=5V, VINN=0V
-
500
-
ms
V
DD=12V, GND=0V, AV=36dB, TA= 25
οC (unless otherwise noted).
APA2614
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD = 24V, TA = 25°
C
Po
Output Power
VDD=16V
THD+N=1%, FIN=1kHz
-
12
-
W
THD+N
Total Harmonic Distortion Pulse
Noise
VDD=16V
FIN=1kHz, Po=7.5W
RL=8
-
0.1
-
%
Crosstalk
Channel Separation
VO=1Vrms, FIN =1kHz, Gain=20dB
-
-85
-
PSRR
Power Supply Rejection Ratio
RL=4
Ω, input AC-Ground, f
in=1kHz
-
-65
-
SNR
Signal-To-Noise Ratio
Maximum output at THD+N<1%,
FIN=1kHz, Gain = 20dB, A-weighted
-
95
-
Attshutdown
Shutdown Attenuation
FIN=1kHz, RL = 8
Ω, V
in = 1VPP
-
-100
-
dB
I VOS I
Offset Voltage
AV=20dB
-
-
15
mV
Vn
Noise Output Voltage
With A-weighted Filter (AV = 20dB)
-
160
-
µV
(rms)
VDD = 12V TA = 25°
C
VDD=13V
THD+N = 1%
FIN=1kHz
RL=8
-
8
-
PO
Output Power
VDD=13V
THD+N = 10%
FIN=1kHz
RL=8
-
10
-
W
THD+N
Total Harmonic Distortion Plus Noise
VDD=13V
FIN=1kHz
RL = 8
PO = 5W
-
0.1
-
%
V
DD=12V, GND=0V, AV=36dB, TA= 25
οC (unless otherwise noted).
Stereo Mode


Similar Part No. - APA2614

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2613 ANPEC-APA2613 Datasheet
473Kb / 25P
   6W Stereo Class-D Audio Power Amplifier
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA2613AQAI-TRG ANPEC-APA2613AQAI-TRG Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA2613ARI-TRG ANPEC-APA2613ARI-TRG Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA2613QAI-TRG ANPEC-APA2613QAI-TRG Datasheet
473Kb / 25P
   6W Stereo Class-D Audio Power Amplifier
More results

Similar Description - APA2614

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
   15W Stereo Class D Audio Power Amplifier
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
   15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
   15W Stereo Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
   15W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2623 ANPEC-APA2623 Datasheet
877Kb / 28P
   15W Stereo Class-D Audio Power Amplifier
APA2621 ANPEC-APA2621 Datasheet
420Kb / 24P
   15W Stereo Class-D Audio Power Amplifier
logo
Richtek Technology Corp...
RT9108NB RICHTEK-RT9108NB Datasheet
1Mb / 15P
   15W Stereo Class-D Audio Power Amplifier
April 2013
logo
List of Unclassifed Man...
TMPA420DS ETC2-TMPA420DS Datasheet
356Kb / 14P
   15W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com