Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2030RI-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA2030RI-TRG
Description  Stereo 2.6W Audio Amplifier (With Gain Control)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2030RI-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2030RI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APA2030RI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APA2030RI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APA2030RI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APA2030RI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA2030RI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA2030RI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA2030RI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA2030RI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Aug., 2013
www.anpec.com.tw
4
APA2030/2031
Electrical Characteristics (Cont.)
(V
DD=5V, -20°C<TA<85°C, unless otherwise noted.)
APA2030/2031
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
II
Input Current
SHUTDOWN, SE/BTL, HP/LINE, GAIN0,
GAIN1
-
5
-
nA
VICM
Common Mode Input Voltage
VDD-1.0
-
-
V
VOS
Output Differential Voltage
-
5
-
mV
PC-BEEP Trigger Level
-
1
-
Vp.p
RBYPASS
BYPASS Equivalent Resistance
-
250
-
k
APA2030 / 2031
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
THD+N=10%, fin=1kHz, RL=3
-
2.6
-
W
THD+N =10%, fin=1kHz, RL=4
-
2.3
-
W
THD+N =10%, fin=1kHz, RL=
8Ω
-
1.5
-
W
THD+N =1%, fin=1kHz, RL=3
-
1.9
-
W
THD+N =1%, fin=1kHz, RL=4
-
1.7
-
W
PO
Maximum Output Power
THD+N =1%, fin=1kHz, RL=8
1
1.1
-
W
PO=1.1W, RL=4
Ω f
in=1kHz
-
0.05
-
%
THD+N
Total Harmonic Distortion Plus
Noise
PO=0.7W, RL=8
Ω, f
in=1kHz
-
0.04
-
%
PSRR
Power Ripple Rejection Ratio
VIN=0.2Vrms, RL=8
Ω,
CB=0.47
µF, f
in =120Hz
-
85
-
dB
Crosstalk
Channel Separation
fin =1kHz, CB=0.47
µF,
-
95
-
dB
HP/LINE Input Separation
fin =1kHz, CB=0.47
µF,
-
80
-
dB
S/N
Signal to Noise Ratio
PO=1.1W, RL=8
Ω , A_weighting
-
105
-
dB
Operating Characteristics, BTL mode
V
DD=5V, TA=25°C, RL=4Ω, Gain=6dB, (Unless otherwise noted)
APA2030
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
THD+N=10%, fin=1kHz, RL=32
-
110
-
mW
PO
Maximum Output Power
THD+N =1%, fin=1kHz, RL=32
-
90
-
mW
THD+N
Total Harmonic Distortion Plus Noise PO=75mW, RL=32
Ω, f
in=1kHz
-
0.03
-
%
PSRR
Power Ripple Rejection Ratio
VIN=0.2Vrms, RL=32
Ω,
CB=0.47
µF, f
in =120,
-
55
-
dB
SE/BTL Attenuation
-
80
-
dB
Operating Characteristics, SE mode ( for APA2030 only)
V
DD=5V, TA=25°C, RL=32Ω, Gain=4, 1dB, (Unless otherwise noted)


Similar Part No. - APA2030RI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2030RI-TR ANPEC-APA2030RI-TR Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2030RI-TRL ANPEC-APA2030RI-TRL Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
More results

Similar Description - APA2030RI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PA3332 UTC-PA3332 Datasheet
271Kb / 10P
   2.6W STEREO AUDIO AMPLIFIER
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Global Mixed-mode Techn...
G1432 GMT-G1432_15 Datasheet
121Kb / 2P
   2.6W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com