Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3202BI-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL3202BI-TRG
Description  Li Battery Charger with Thermal Regulation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3202BI-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL3202BI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3202BI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3202BI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3202BI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3202BI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3202BI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3202BI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3202BI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3202BI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Mar., 2012
APL3202
www.anpec.com.tw
7
Typical Operating Characteristics (Cont.)
Charge Current vs. BATT Voltage
Recharge Threshold Voltage vs.
Junction Temperature
Charge Current vs. V
IN-VBATT
Power FET On Resistance vs.
Junction Temperature
Refer to the typical application circuit, V
IN=5V, TA= 25°C
, unless otherwise specified.
BATT Voltage (V)
V
IN = 5V
R
SET = 2K
2.7
3
3.3
3.6
3.9
4.2
4.5
0
100
200
300
400
500
600
Junction Temperature (oC)
0.3
0.5
0.7
0.9
1.1
1.3
1.5
V
IN = 4.2V
I
CHG = 0.1A
-50
0
50
100
150
Junction Temperature (oC)
V
IN = 5V
R
SET = 10K
3.99
4.01
4.03
4.05
4.07
4.09
4.11
-50
-25
0
25
50
75
100
V
IN-VBATT (V)
R
SET = 2K
0
0.1
0.2
0.3
0.4
0.5
0
0.2
0.4
0.6
0.8
1


Similar Part No. - APL3202BI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QAI-TRG ANPEC-APL3200QAI-TRG Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QBI-TRG ANPEC-APL3200QBI-TRG Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
APL3201QAI-TRG ANPEC-APL3201QAI-TRG Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
More results

Similar Description - APL3202BI-TRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
   LI battery charger with thermal regulation
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
   Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057D HMSEMI-HM4057D Datasheet
314Kb / 6P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com