Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS12-95 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS12-95
Description  RING TONGUE TERMINAL Non-insulated DIN 46234
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GS12-95 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS12-95 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS12-95 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS12-95 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
88
ø d1
ød2
ød3
r
as
Stud Size
Metric
Part No.
Nominal Size
DIN46234
Tool No.
Qty/box
Dimensions mm (in.)
Applicable Wire
mm2 (AWG#)
4
5
6
8
10
12
5
6
8
10
12
5
6
6
8
10
12
16
6
8
10
12
16
16
20
6
8
10
12
16
20
6
8
10
12
16
16
20
5-10
6-10
8-10
10-10
12-10
5-16
6-16
8-16
10-16
12-16
5-25
6-25
8-25
10-25
12-25
16-25
6-35
8-35
10-35
12-35
16-35
6-50
8-50
10-50
12-50
16-50
6-70
8-70
10-70
12-70
16-70
GS4-10
GS5-10
GS6-10
GS8-10
GS10-10
GS12-10
GS5-16
GS6-16
GS8-16
GS10-16
GS12-16
GS5-25
GS6-25
GS6L-25
GS8-25
GS10-25
GS12-25
GS16-25
GS6-35
GS8-35
GS10-35
GS12-35
GS16-35
GS16L-35
GS20-35
GS6-50
GS8-50
GS10-50
GS12-50
GS16-50
GS20-50
GS6-70
GS8-70
GS10-70
GS12-70
GS16-70
GS16L-70
GS20-70
10.0 (.394)
10.0 (.394)
11.0 (.433)
14.0 (.551)
18.0 (.709)
22.0 (.866)
11.0 (.433)
11.0 (.433)
14.0 (.551)
18.0 (.709)
22.0 (.866)
12.0 (.472)
12.0 (.472)
16.0 (.630)
16.0 (.630)
18.0 (.709)
22.0 (.866)
28.0 (1.102)
15.0 (.591)
16.0 (.630)
18.0 (.709)
22.0 (.866)
28.0 (1.102)
30.0 (1.181)
30.0 (1.181)
18.0 (.709)
18.0 (.709)
18.0 (.709)
22.0 (.866)
28.0 (1.102)
32.0 (1.260)
22.0 (.866)
22.0 (.866)
22.0 (.866)
22.0 (.866)
28.0 (1.102)
32.0 (1.260)
32.0 (1.260)
4.3 (.169)
5.3 (.209)
6.5 (.256)
8.4 (.331)
10.5 (.413)
13.0 (.512)
5.3 (.209)
6.5 (.256)
8.4 (.331)
10.5 (.413)
13.0 (.512)
5.3 (.209)
6.5 (.256)
6.5 (.256)
8.4 (.331)
10.5 (.413)
13.0 (.512)
17.0 (.669)
6.5 (.256)
8.4 (.331)
10.5 (.413)
13.0 (.512)
17.0 (.669)
17.0 (.669)
21.0 (.827)
6.5 (.256)
8.4 (.331)
10.5 (.413)
13.0 (.512)
17.0 (.669)
21.0 (.827)
6.5 (.256)
8.4 (.331)
10.5 (.413)
13.0 (.512)
17.0 (.669)
17.0 (.669)
21.0 (.827)
6.5 (.256)
6.5 (.256)
7.5 (.295)
10.0 (.394)
12.0 (.472)
13.0 (.512)
7.5 (.295)
7.5 (.295)
10.0 (.394)
12.0 (.472)
13.0 (.512)
7.5 (.295)
7.5 (.295)
10.0 (.394)
10.0 (.394)
12.0 (.472)
13.0 (.512)
16.0 (.630)
10.0 (.394)
10.0 (.394)
12.0 (.472)
13.0 (.512)
16.0 (.630)
18.0 (.709)
18.0 (.709)
12.0 (.472)
12.0 (.472)
12.0 (.472)
13.0 (.512)
16.0 (.630)
18.0 (.709)
13.0 (.512)
13.0 (.512)
13.0 (.512)
13.0 (.512)
16.0 (.630)
18.0 (.709)
18.0 (.709)
16.0 (.630)
16.0 (.630)
17.0 (.669)
20.0 (.787)
21.0 (.827)
23.0 (.906)
20.0 (.787)
20.0 (.787)
22.0 (.866)
24.0 (.945)
26.0 (1.024)
25.0 (.984)
25.0 (.984)
25.0 (.984)
25.0 (.984)
26.0 (1.024)
31.0 (1.220)
35.0 (1.378)
26.0 (1.024)
26.0 (1.024)
27.0 (1.063)
31.0 (1.220)
36.0 (1.417)
37.5 (1.476)
37.5 (1.476)
34.0 (1.339)
34.0 (1.339)
34.0 (1.339)
36.0 (1.417)
40.0 (1.575)
41.5 (1.634)
38.0 (1.496)
38.0 (1.496)
38.0 (1.496)
38.0 (1.496)
42.0 (1.654)
45.0 (1.772)
45.0 (1.772)
8.0
(.315)
16.0
(.630)
18.0(.709) 11.4(.449)
18.0
(.709)
19.0
(.748)
4.5
(.177)
11.0
(.433)
14.0
(.551)
9.4
(.370)
13.0
(.512)
13.3
(.524)
1.1
(.043)
10.0
(.394)
5.8
(.228)
1.2
(.047)
7.5
(.295)
11.0
(.433)
1.5
(.059)
2.0
(.079)
50
100
200
500
250
250
50
>6 to 10
(8)
>10 to 16
(6)
>16 to 25
(4)
>25 to 35
(2)
>35 to 50
(1/0)
>50 to 70
(2/0)
JCS-350
YH-540
JCS-350
YH-540
JCS-350
YH-540
JS-150D
JSHR-150
JCS-350
YH-540
JS-150D
JSHR-150
YH-540D
JS-150D
JSHR-150
YH-540
JS-150D
JSHR-150
12.0
(.472)
9.0
(.354)
2.0 (.079)
1.8
(.071)
1.8
(.071)
1.6
(.0.63)
100
a
¿d2
Brazed seam
Note :1) Contact J.S.T. Europe N.V., Belgium for the above tools.
2) Delivery lead times may vary depending on the product. Contact JST for details.


Similar Part No. - GS12-95

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS120 STMICROELECTRONICS-GS120 Datasheet
136Kb / 10P
   120W/175W DC-DC CONVERTERS FAMILY
logo
Mean Well Enterprises C...
GS120 MEANWELL-GS120 Datasheet
138Kb / 2P
   120WAC-DC Single Output Desktop
GS120 MEANWELL-GS120 Datasheet
166Kb / 2P
   120WAC-DC Single Output Desktop
logo
Semtech Corporation
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
   12G UHD-SDI Cable Driver
More results

Similar Description - GS12-95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8216 ETC2-8216 Datasheet
238Kb / 1P
   INSULATED RING TONGUE TERMINAL
logo
Keystone Electronics Co...
8212 KEYSTONE-8212 Datasheet
79Kb / 1P
   INSULATED RING TONGUE TERMINAL
10.19.07
logo
PANDUIT CORP.
P2-12R-X PANDUIT-P2-12R-X Datasheet
83Kb / 1P
   2 BARREL NON- INSULATED RING TONGUE
logo
Adam Technologies, Inc.
5RT-142-295-20-16-J ADAM-TECH-5RT-142-295-20-16-J Datasheet
62Kb / 1P
   RING TERMINAL NON INSULATED
logo
PANDUIT CORP.
P22-6R-C PANDUIT-P22-6R-C Datasheet
72Kb / 1P
   Ring Terminal, Non-Insulated
logo
Adam Technologies, Inc.
5RT-169-315-20-16-T-A ADAM-TECH-5RT-169-315-20-16-T-A Datasheet
57Kb / 1P
   RING TERMINAL NON INSULATED
logo
PANDUIT CORP.
P4-38R-T PANDUIT-P4-38R-T Datasheet
85Kb / 1P
   4 BARREL NON-INSULATED RING TONGUE
P2-14R-T PANDUIT-P2-14R-T Datasheet
83Kb / 1P
   2 BARREL NON-INSULATED RING TONGUE
P18-4R PANDUIT-P18-4R Datasheet
60Kb / 1P
   22-18 BARREL NON-INSULATED RING TONGUE
P14-4R PANDUIT-P14-4R Datasheet
60Kb / 1P
   16-14 BARREL NON-INSULATED RING TONGUE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com