Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6146DFRZ-TK Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6146DFRZ-TK
Description  Low Voltage OR-ing FET Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6146DFRZ-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6146DFRZ-TK Datasheet HTML 1Page - Intersil Corporation ISL6146DFRZ-TK Datasheet HTML 2Page - Intersil Corporation ISL6146DFRZ-TK Datasheet HTML 3Page - Intersil Corporation ISL6146DFRZ-TK Datasheet HTML 4Page - Intersil Corporation ISL6146DFRZ-TK Datasheet HTML 5Page - Intersil Corporation ISL6146DFRZ-TK Datasheet HTML 6Page - Intersil Corporation ISL6146DFRZ-TK Datasheet HTML 7Page - Intersil Corporation ISL6146DFRZ-TK Datasheet HTML 8Page - Intersil Corporation ISL6146DFRZ-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ISL6146
3
FN7667.4
April 26, 2013
4
ISL6146B
ISL6146E
EN
Active low enable input to turn on the FET. Internally pulled high to BIAS through 2MΩ. Range: 0 to 24V
4
ISL6146C
OVP
Programmable OV protection to prevent continued operation when the monitored voltage is too high. A back-to-back FET
configuration must be employed to implement the OVP capability. Range: 0V to 24V
5
GND
Chip ground reference.
6FAULT
Open-Drain pull-down fault indicating output with internal on chip filtering (TFLT). The ISL6146 fault detection circuitry pulls
down this pin to GND as it detects a fault or a disabled input (EN = ‘0’ or EN = ‘1’).
Different types of faults and their detection mechanisms are discussed in more detail on page 17. These faults include:
a. GATE is OFF (GATE < VIN+0.2V) when enabled [this condition is not reported on the ISL6146D and ISL6146E]
b. VIN-VOUT > 0.57V when ON.
c. FET G-D or G-S or D-S shorts.
d. VIN < PORL2H
e. VIN < VOUT
f. Over-Temperature
Range: 0 to VOUT
7
ADJ
Resistor programmable VIN - VOUT Voltage Threshold (Vth) of the High Speed Comparator. This pin is either directly
connected to VOUT or can be connected through a 5kΩ to 100kΩ resistor to GND. Allows for adjusting the voltage difference
threshold to prevent unintended turn-off of the pass FET due to normal system voltage fluctuations.
Range: 0.4 to VOUT
8
VOUT
The second sensing node for external FET control and connected to the Load side (OR-ing MOSFET Drain). This is the
common connection point for multiple paralleled supplies. VOUT is compared to VIN to determine when the OR-ing FET has
to be turned off. Range: 0V to 24V
PAD
Thermal Pad Connect to GND
Pin Descriptions (Continued)
MSOP/
DFN
SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6146AFUZ
6146A
-40 to +125
8 Ld MSOP
M8.118
ISL6146AFUZ-T
6146A
-40 to +125
8 Ld MSOP Tape and Reel
M8.118
ISL6146AFUZ-T7A
6146A
-40 to +125
8 Ld MSOP Tape and Reel
M8.118
ISL6146AFUZ-TK
6146A
-40 to +125
8 Ld MSOP Tape and Reel
M8.118
ISL6146AFRZ
46AF
-40 to +125
8 Ld 3x3 DFN
L8.3x3J
ISL6146AFRZ-T
46AF
-40 to +125
8 Ld 3x3 DFN Tape and Reel
L8.3x3J
ISL6146AFRZ-T7A
46AF
-40 to +125
8 Ld 3x3 DFN Tape and Reel
L8.3x3J
ISL6146AFRZ-TK
46AF
-40 to +125
8 Ld 3x3 DFN Tape and Reel
L8.3x3J
ISL6146BFUZ
6146B
-40 to +125
8 Ld MSOP
M8.118
ISL6146BFUZ-T
6146B
-40 to +125
8 Ld MSOP Tape and Reel
M8.118
ISL6146BFUZ-T7A
6146B
-40 to +125
8 Ld MSOP Tape and Reel
M8.118
ISL6146BFUZ-TK
6146B
-40 to +125
8 Ld MSOP Tape and Reel
M8.118
ISL6146BFRZ
46BF
-40 to +125
8 Ld 3x3 DFN
L8.3x3J
ISL6146BFRZ-T
46BF
-40 to +125
8 Ld 3x3 DFN Tape and Reel
L8.3x3J
ISL6146BFRZ-T7A
46BF
-40 to +125
8 Ld 3x3 DFN Tape and Reel
L8.3x3J
ISL6146BFRZ-TK
46BF
-40 to +125
8 Ld 3x3 DFN Tape and Reel
L8.3x3J
ISL6146CFUZ
6146C
-40 to +125
8 Ld MSOP
M8.118


Similar Part No. - ISL6146DFRZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146DFRZ INTERSIL-ISL6146DFRZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
More results

Similar Description - ISL6146DFRZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Texas Instruments
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
[Old version datasheet]   High Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com